전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW-8865F 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 FW-8865F
상세설명  1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8865F 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-8865F Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8865F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
connect@lannerinc.com
www.lannerinc.com
Specifications are subject to change without notice
FW-8865
1U Intel Sandy Bridge / Ivy Bridge Network
Platform with C206 Series Chipset, 2 optional
Lanner NIC Modules, Redundant PSU
Features
Intel® 2nd and 3rd generation
Processors support
The FW-8865 is compatible with
both 2nd and 3rd* generation
Intel® XeonTM and CoreTM proc-
essors. The 3rd generation Intel
CoreTM processor is the first 22nm
CPU in the market, it delivers in-
creased performance with lower
power, also enables multiple ca-
pabilities enhancing connectivity,
responsiveness and security.
*Older units may require BIOS update.
Up to 20 GbE LAN Ports
A 1U appliance that offers up to
20 GbE LAN ports. There are 4
onboard GbE ports and users can
add up to 20 GbE LAN ports via
optional Lanner NIC modules.
Intel C206 Chipset
C206 delivers dependability and
productivity by providing new
levels of cost effective data pro-
tection, performance, expanded
security, virtualization, and power
management options.
Value Proposition
The FW-8865 is a low power con-
suming platform with the ability
to operate at a near enterprise
level network appliance. The 1U
chassis ensures that this appliance
will add tremendous network
communication bandwidth to any
system.
2x USB
Console Port
Status LCD
Module 1
Redundant Power Supplies
The FW-8865 has one CPU
heatsink with fan duct and 4
cooling fans with smart fan
control, minimizing the likelihood
of costly system downtime.
Dimensions: 431 x 44 x 550 mm
4x Cooling Fans
Module 2
Management Port
Redundant PSU
431
43.83
53.4
13


유사한 부품 번호 - FW-8865F

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FW-8860 ETC2-FW-8860 Datasheet
212Kb / 2P
   1U Intel Core 2 Quad Network 1U Intel Core 2 Quad Network
FW-8860A ETC2-FW-8860A Datasheet
212Kb / 2P
   1U Intel Core 2 Quad Network 1U Intel Core 2 Quad Network
FW-8860B ETC2-FW-8860B Datasheet
212Kb / 2P
   1U Intel Core 2 Quad Network 1U Intel Core 2 Quad Network
More results

유사한 설명 - FW-8865F

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FX-3210 ETC2-FX-3210 Datasheet
262Kb / 2P
   2U Rackmount Appliance With Support For Intel Sandy Bridge / Ivy Bridge Processors And Intel C206 Chipset
FW-7575 ETC2-FW-7575 Datasheet
188Kb / 2P
   1U rackmount Network security platform with Intel Sandy Bridge Gladden processors
IMB-161-D ETC2-IMB-161-D Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron (Ivy Bridge and Sandy Bridge)
IMB-161-L ETC2-IMB-161-L Datasheet
1Mb / 2P
   Socket LGA1155 for Intel Core i7/i5/i3/Celeron (Ivy Bridge and Sandy Bridge)
IMB-170 ETC2-IMB-170 Datasheet
1Mb / 2P
   Socket G2 (rPGA988B) for Intel Core i7/i5/i3/Celeron (Ivy Bridge and Sandy Bridge)
FW-7582 ETC2-FW-7582 Datasheet
238Kb / 2P
   Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
FW-8758 ETC2-FW-8758 Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
List of Unclassifed Man...
FW-8860 ETC2-FW-8860 Datasheet
212Kb / 2P
   1U Intel Core 2 Quad Network 1U Intel Core 2 Quad Network
logo
Lanner All Rights Reser...
NCS2-POEIG802 LANNER-NCS2-POEIG802 Datasheet
665Kb / 1P
   Lanner NCS2 NIC Modular with Intel 짰 I350-AM4 Chipset & 8x GbE RJ45 PoE Ports
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com