전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2633 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM2633
상세설명  LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2633 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM2633_15 Datasheet HTML 6Page - Texas Instruments LM2633_15 Datasheet HTML 7Page - Texas Instruments LM2633_15 Datasheet HTML 8Page - Texas Instruments LM2633_15 Datasheet HTML 9Page - Texas Instruments LM2633_15 Datasheet HTML 10Page - Texas Instruments LM2633_15 Datasheet HTML 11Page - Texas Instruments LM2633_15 Datasheet HTML 12Page - Texas Instruments LM2633_15 Datasheet HTML 13Page - Texas Instruments LM2633_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
LM2633
SNVS139D – AUGUST 2000 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
VCC = +15V unless otherwise indicated under the Conditions column. Typicals and limits appearing in plain type apply for TA
= TJ = +25°C. Limits appearing in boldface type apply over 0°C to +125°C.
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Units
SYSTEM
ΔVout1_load
Channel 1 Load
VCOMP1 moves from 0.5V to 1.5V,
0
mV
Regulation(2)
VID4:0=01101
ΔVout2_load
Channel 2 Load
VCOMP2 moves from 0.5V to 1.5V
1.5
mV
Regulation(2)
ΔVfb
Line Regulation (for the two
5.0V
≤ VIN ≤ 30V, VID4:0=01101
2
mV
switching regulators)
Ivin
Input Supply Current with
VFB = 0.9V, no VLIN5 DC Current
(3)
1.5
2.4
mA
the Switching Channels ON
Ivin_sd
Input Supply Current with
VON/SS1 = VON/SS2 = 0V
(4)
10
18
µA
the IC Shut Down
Vvlin5
VLIN5 Output Voltage
IVLIN5 = 0 to 25mA, 5.5V < VIN < 30V
4.7
5.0
5.3
V
Iilim_pos
ILIM1 and ILIM2 Pins Sink
8
10
12
µA
Current
Vilim_neg
Negative Current Limit
45
mV
(SWx vs PGNDx voltage)
Iss_sc
Soft Start Charge Current
0.5
2.25
5
µA
Iss_sk
Soft Start Sink Current
In UVLO or thermal shutdown
2
µA
Vss_on
Soft Start ON Threshold
1.2
V
Vssto
Soft Start Timeout
See(5)
3.5
V
Threshold
Vuvd
UV_DELAY Threshold
VLIN5 = 5V(6)
2.1
V
Idelay
UV_DELAY Source Current
1.0
5
9.0
µA
Ivid
VID4:0 Internal Pull Up
6
13
µA
Current
Vuvlo_thr
VIN Under-voltage Lockout
Rising Edge
4.2
4.5
V
(UVLO) Threshold
Vuvlo_hys
VIN UVLO Hysteresis
300
mV
Vuvp1
Channel 1 VOUT Under-
voltage Shutdown Latch
VID4:0 = 01100
73
80
83
%VOUT
Threshold(Measured at the
FB1)
Vuvp2, 3
Channels 2 and 3 VOUT
Undervoltage Shutdown
VID4:0 = 01100
76
80
86
%VOUT
Latch Threshold (Measured
at the FB2 and FB3)
Vovp1
VOUT Overvoltage
Shutdown Latch Threshold
110
114
119
%VOUT
for Channel 1 (Measured at
the FB1)
Vovp2
VOUT Overvoltage
Shutdown Latch Threshold
109
112
115
%VOUT
for Channel 2 (Measured at
the FB2)
Vlreg_thr
VOUT Low Regulation
Comparator Enable
91.5
%VOUT
Threshold for Channels 1
and 2
(1)
A typical is the center of characterization data taken with TA = TJ = 25°C. Typical data are not ensured.
(2)
This test simulates heavy load condition by changing COMP pin voltage.
(3)
This parameter indicates how much current the LM2633 is drawing from the input supply when it is functioning but not driving external
MOSFETs or a bipoloar transistor.
(4)
This parameter indicates how much current the LM2633 is drawing from the input supply when it is completely shut off.
(5)
When ON/SS1,2 pins are charged above this voltage, the under voltage protection feature is enabled.
(6)
Above this voltage, the under-voltage protection is enabled.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2633


유사한 부품 번호 - LM2633_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2633MTD NSC-LM2633MTD Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
More results

유사한 설명 - LM2633_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Texas Instruments
LM2633 TI1-LM2633 Datasheet
1Mb / 47P
[Old version datasheet]   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Intersil Corporation
IPM6210A INTERSIL-IPM6210A Datasheet
658Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Renesas Technology Corp
IPM6210A RENESAS-IPM6210A Datasheet
860Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Aug 2001
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com