전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2640 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM2640
상세설명  LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2640 데이터시트(HTML) 1 Page - Texas Instruments

  LM2640_15 Datasheet HTML 1Page - Texas Instruments LM2640_15 Datasheet HTML 2Page - Texas Instruments LM2640_15 Datasheet HTML 3Page - Texas Instruments LM2640_15 Datasheet HTML 4Page - Texas Instruments LM2640_15 Datasheet HTML 5Page - Texas Instruments LM2640_15 Datasheet HTML 6Page - Texas Instruments LM2640_15 Datasheet HTML 7Page - Texas Instruments LM2640_15 Datasheet HTML 8Page - Texas Instruments LM2640_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM2640
www.ti.com
SNVS019B – DECEMBER 1998 – REVISED APRIL 2013
LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
Check for Samples: LM2640
1
FEATURES
DESCRIPTION
The LM2640 is a dual step-down power supply
2
200 kHz Fixed-Frequency Switching
controller
intended
for
application
in
notebook
Switching Synchronization with an External
personal
computers
and
other
battery-powered
Signal up to 400 kHz
equipment.
Optional Pulse-Skipping Mode
Fixed-frequency synchronous drive of logic-level N-
Adjustable Secondary Feedback
channel power MOSFETs is combined with an
optional pulse-skipping mode to achieve ultra efficient
Input Undervoltage Lockout
power conversion over a 1000:1 load current range.
Output Undervoltage Shutdown Protection
The pulse-skipping mode can be disabled in favor of
Output Overvoltage Shutdown Protection
fixed-frequency operation regardless of the load
Programmable Soft-Start (Each Controller)
current level.
5V, 50 mA Linear Regulator Output
High DC gain and current-mode feedback control
assure excellent line and load regulation and a wide
Precision 2.5V Reference Output
loop bandwidth for fast response to dynamic loads.
28-Pin Package
An internal oscillator fixes the switching frequency at
APPLICATIONS
200 kHz. Optionally, switching can be synchronized
to an external clock running as fast as 400 kHz.
Notebook and Subnotebook Computers
An optional soft-start feature limits current surges
Wireless Data Terminals
from the input power supply at start up and provides
Battery-Powered Instruments
a simple means of start-up sequencing.
Logic-level inputs allow the controllers to be turned
KEY SPECIFICATIONS
ON and OFF separately.
96% Efficient
5.5V to 30V Input Range
Dual Outputs Adjustable from 2.2V to 6V
0.5% Typical Load Regulation Error
0.002%/V Typical Line Regulation Error
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM2640_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM26400Y NSC-LM26400Y Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400Y TI1-LM26400Y Datasheet
6Mb / 32P
[Old version datasheet]   Dual 2A, 500kHz Wide Input Range Buck Regulator
LM26400Y TI-LM26400Y Datasheet
4Mb / 33P
[Old version datasheet]   LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
logo
National Semiconductor ...
LM26400YMH NSC-LM26400YMH Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400YMH/NOPB TI-LM26400YMH/NOPB Datasheet
4Mb / 33P
[Old version datasheet]   LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
More results

유사한 설명 - LM2640_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2640 TI1-LM2640 Datasheet
1Mb / 29P
[Old version datasheet]   LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
logo
National Semiconductor ...
LM2641 NSC-LM2641 Datasheet
466Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
logo
Texas Instruments
LM2641 TI1-LM2641 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Adjustable Step-Down Switching Power Supply Controller
logo
National Semiconductor ...
LM2640 NSC-LM2640 Datasheet
504Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
logo
Texas Instruments
LM2641MTC-ADJ TI-LM2641MTC-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2641 Dual Adjustable Step-Down Switching Power Supply Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
logo
Weltrend Semiconductor
YKW-06 WELTREND-YKW-06 Datasheet
183Kb / 5P
   Step-down Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com