전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2743 데이터시트(PDF) 8 Page - Texas Instruments

부품명 LM2743
상세설명  LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2743 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM2743_15 Datasheet HTML 4Page - Texas Instruments LM2743_15 Datasheet HTML 5Page - Texas Instruments LM2743_15 Datasheet HTML 6Page - Texas Instruments LM2743_15 Datasheet HTML 7Page - Texas Instruments LM2743_15 Datasheet HTML 8Page - Texas Instruments LM2743_15 Datasheet HTML 9Page - Texas Instruments LM2743_15 Datasheet HTML 10Page - Texas Instruments LM2743_15 Datasheet HTML 11Page - Texas Instruments LM2743_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
2V/div
1V/div
5V/div
100 ns/DIV
LG
SW
HG
2V/div
1V/div
5V/div
100 ns/DIV
HG
SW
LG
0
0.4 0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
1.200
1.201
1.202
1.203
1.204
1.205
1.206
1.207
1.208
1.209
1.210
OUTPUT CURRENT (A)
TEMPERATURE (
oC)
-55 -35 -15
85 105 125
5
25
45
65
520
540
560
580
600
620
640
TEMPERATURE (
oC)
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
-40 -25 -10 5
80 95 110 125
20 35 50 65
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110125
20 35 50 65
23.9
24
24.1
24.2
24.3
24.4
24.5
24.6
24.7
24.8
24.9
LM2743
SNVS276H – APRIL 2004 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
fSW = 300 kHz
FDS6898A FET
No-Load
Figure 7. BOOT Pin Current vs Temperature for BOOT
Figure 8. Internal Reference Voltage vs Temperature
Voltage = 12 V
Figure 9. Frequency vs Temperature
Figure 10. Output Voltage vs Output Current
VCC = 3.3 V
VIN = 5 V
VOUT = 1.2 V
VCC = 3.3 V
VIN = 5 V
VOUT = 1.2 V
IOUT = 4 A
CSS = 12 nF
fSW = 300 kHz
IOUT = 4 A
CSS = 12 nF
fSW = 300 kHz
Figure 12. Switch Waveforms (HG Falling)
Figure 11. Switch Waveforms (HG Rising)
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM2743


유사한 부품 번호 - LM2743_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2743 TI1-LM2743_14 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
More results

유사한 설명 - LM2743_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2743 TI1-LM2743 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2746 NSC-LM2746 Datasheet
1Mb / 24P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2743 TI1-LM2743_14 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com