전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3150 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM3150
상세설명  LM3150 Wide-VIN Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3150 데이터시트(HTML) 4 Page - Texas Instruments

  LM3150_15 Datasheet HTML 1Page - Texas Instruments LM3150_15 Datasheet HTML 2Page - Texas Instruments LM3150_15 Datasheet HTML 3Page - Texas Instruments LM3150_15 Datasheet HTML 4Page - Texas Instruments LM3150_15 Datasheet HTML 5Page - Texas Instruments LM3150_15 Datasheet HTML 6Page - Texas Instruments LM3150_15 Datasheet HTML 7Page - Texas Instruments LM3150_15 Datasheet HTML 8Page - Texas Instruments LM3150_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LM3150
SNVS561F – SEPTEMBER 2008 – REVISED DECEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN, RON to GND
–0.3
47
V
SW to GND
–3
47
V
BST to SW
–0.3
7
V
BST to GND
–0.3
52
V
All Other Inputs to GND
–0.3
7
V
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Ratings. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
6
42
V
Junction Temperature Range (TJ)
−40
125
°C
EN
0
5
V
7.4 Thermal Information
LM3150
THERMAL METRIC(1)
PWP
UNIT
14 PINS
RθJA
Junction-to-ambient thermal resistance
42.5
RθJC(top)
Junction-to-case (top) thermal resistance
28.7
RθJB
Junction-to-board thermal resistance
24.2
°C/W
ψJT
Junction-to-top characterization parameter
0.9
ψJB
Junction-to-board characterization parameter
23.9
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM3150


유사한 부품 번호 - LM3150_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3150MH NSC-LM3150MH Datasheet
482Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
logo
Texas Instruments
LM3150MH TI1-LM3150MH Datasheet
1Mb / 26P
[Old version datasheet]   LM3150 SIMPLE SWITCHER CONTROLLER, 42V Synchronous Step-Down
LM3150MH/NOPB TI1-LM3150MH/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM3150 SIMPLE SWITCHER CONTROLLER, 42V Synchronous Step-Down
logo
National Semiconductor ...
LM3150MHE NSC-LM3150MHE Datasheet
482Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
logo
Texas Instruments
LM3150MHE/NOPB TI1-LM3150MHE/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM3150 SIMPLE SWITCHER CONTROLLER, 42V Synchronous Step-Down
More results

유사한 설명 - LM3150_15

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85413 RENESAS-ISL85413 Datasheet
1Mb / 20P
   Wide VIN 300mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com