전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3477 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM3477
상세설명  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3477 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM3477_15 Datasheet HTML 6Page - Texas Instruments LM3477_15 Datasheet HTML 7Page - Texas Instruments LM3477_15 Datasheet HTML 8Page - Texas Instruments LM3477_15 Datasheet HTML 9Page - Texas Instruments LM3477_15 Datasheet HTML 10Page - Texas Instruments LM3477_15 Datasheet HTML 11Page - Texas Instruments LM3477_15 Datasheet HTML 12Page - Texas Instruments LM3477_15 Datasheet HTML 13Page - Texas Instruments LM3477_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
VCL0
VSC
LM3477A
VSC
LM3477
VHYS
LM3477
(32mV)
VHYS
LM3477A
(11mV)
Se
D(MIN)
D(MAX)
Hysteretic
Hysteretic
PWM
PWM
LM3477
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
FUNCTIONAL DESCRIPTION
GENERAL DESCRIPTION
The LM3477/A is a switching regulator controller for topologies incorporating a high side switch. The most
common of these topologies is the step-down, or buck, converter. Other topologies such as the inverting (buck-
boost) and inverse SEPIC (zeta) converters can be realized. This datasheet will focus on buck converter
applications.
The LM3477/A employs current mode control architecture. Among the many benefits of this architecture are
superior line and load regulation, cycle-by-cycle current limiting, and simple loop compensation. The LM3477/A
features a patented adjustable slope compensation scheme to enable flexible inductor selection. The LM3477/A
has a combination of features that allow its use in a wide variety of applications. The input voltage can range
from 2.97V to 35V, with the output voltage being positive or negative depending on the topology. The current
limit can be scaled to safely drive a wide range of loads. An internal soft-start is provided to limit initial in-rush
current. Output over voltage and input under voltage protection ensure safe operation of the LM3477/A.
REGIONS OF OPERATION
Pulse width modulation (PWM) is the normal mode of operation. In PWM, the output voltage is well regulated
and has a ripple frequency equal to the switching frequency (500kHz). In low load conditions, the part operates in
hysteretic mode. In this mode, the output voltage is regulated between a high and low value that results in a
higher ripple magnitude and lower ripple frequency than in PWM mode (see OVER VOLTAGE PROTECTION).
Figure 19. Operating Regions of the LM3477/A
The important differences between the LM3477 and the LM3477A are summarized in Figure 19. The voltages in
Figure 19 can be referred to the switch current by dividing through by RSN. The LM3477A has a lower hysteretic
threshold voltage VHYS, and thus will operate in PWM mode for a larger load range than the LM3477. Typically,
VHYS = 32mV for the LM3477, while VHYS = 11mV for the LM3477A. The difference in area between the shaded
regions give a graphical representation of this. The lightly shaded region is the extra PWM operating area gained
by using the LM3477A. Thus the benefits of operating in PWM mode such as a well regulated output voltage with
low noise ripple are extended to a larger load range when the LM3477A is used. While less significant, the other
noteworthy difference between the two parts is in the short circuit current limit VSC.
VSC is a ceiling limit for the peak sense voltage VSNpk (see SHORT CIRCUIT PROTECTION). VSC is lower in the
LM3477A than in the LM3477 (see the Electrical Characteristics for limits).
OVER VOLTAGE PROTECTION
The LM3477/A has over voltage protection (OVP) for the output voltage. OVP is sensed at and is in respect to
the feedback pin (pin 3). If at anytime the voltage at the feedback pin rises to VFB + VOVP, OVP is triggered. See
Electrical Characteristics for limits on VFB and VOVP.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3477


유사한 부품 번호 - LM3477_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency High-Side N-Channel Controller for Switching Regulator
More results

유사한 설명 - LM3477_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 NSC-LM3477 Datasheet
815Kb / 23P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com