전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25088-Q1 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 LM25088-Q1
상세설명  LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM25088-Q1 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM25088-Q1 Datasheet HTML 5Page - Texas Instruments LM25088-Q1 Datasheet HTML 6Page - Texas Instruments LM25088-Q1 Datasheet HTML 7Page - Texas Instruments LM25088-Q1 Datasheet HTML 8Page - Texas Instruments LM25088-Q1 Datasheet HTML 9Page - Texas Instruments LM25088-Q1 Datasheet HTML 10Page - Texas Instruments LM25088-Q1 Datasheet HTML 11Page - Texas Instruments LM25088-Q1 Datasheet HTML 12Page - Texas Instruments LM25088-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
1E+04
1E+05
1E+06
1E+07
FREQUENCY (Hz)
-10
50
0
10
20
30
40
-30
150
0
30
60
90
120
LM25088, LM25088-Q1
www.ti.com
SNVS609J – DECEMBER 2008 – REVISED JANUARY 2015
Typical Characteristics (continued)
Figure 7. VFB vs Temperature
Figure 8. Forced-Off Time vs Temperature
Figure 9. Soft-Start vs Temperature
Figure 10. Current-Limit vs Temperature
Figure 11. Frequency vs Temperature
Figure 12. Error Amplifier Gain/Phase
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25088 LM25088-Q1


유사한 부품 번호 - LM25088-Q1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM25088MH-1 NSC-LM25088MH-1 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088MH-2 NSC-LM25088MH-2 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088MHX-1 NSC-LM25088MHX-1 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
More results

유사한 설명 - LM25088-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5141-Q1 TI-LM5141-Q1_V01 Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com