전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27402 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM27402
상세설명  LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM27402 데이터시트(HTML) 3 Page - Texas Instruments

  LM27402_15 Datasheet HTML 1Page - Texas Instruments LM27402_15 Datasheet HTML 2Page - Texas Instruments LM27402_15 Datasheet HTML 3Page - Texas Instruments LM27402_15 Datasheet HTML 4Page - Texas Instruments LM27402_15 Datasheet HTML 5Page - Texas Instruments LM27402_15 Datasheet HTML 6Page - Texas Instruments LM27402_15 Datasheet HTML 7Page - Texas Instruments LM27402_15 Datasheet HTML 8Page - Texas Instruments LM27402_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
EP
16
15
14
13
4
3
2
1
5
6
7
8
9
10
11
12
SS/TRACK
FB
COMP
FADJ
SW
LG
VDD
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CS+
CS-
SS/TRACK
FB
COMP
FADJ
SYNC
EN
PGOOD
VIN
GND
VDD
LG
SW
HG
CBOOT
EP
LM27402
www.ti.com
SNVS615J – JANUARY 2010 – REVISED JULY 2015
5 Pin Configuration and Functions
PWP Package
RUM Package
16-Pin HTSSOP
16-Pin WQFN
Top View
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
HTSSOP
WQFN
High-side gate driver supply rail. Connect a 100-nF ceramic capacitor from CBOOT to
CBOOT
16
13
P
SW and a Schottky diode from VDD to CBOOT.
Output of the internal error amplifier. The COMP voltage is compared to an internally
COMP
5
3
O
generated ramp at the PWM comparator to establish the duty cycle command.
Current sense positive input. This pin is the noninverting input to the current-sense
CS+
1
16
I
comparator.
Current sense negative input. This pin is the inverting input to the current-sense
CS–
2
15
I
comparator. 10-µA of nominal offset current is provided for adjustable current limit
setpoint.
LM27402 enable pin. Apply a voltage typically higher than 1.17 V to EN and the
LM27402 will begin to switch if VIN and VDD have exceeded their UVLO thresholds.
EN
8
5
I
A hysteresis of 100 mV on EN provides noise immunity. EN is internally tied to VDD
through a 2-µA pullup current source. EN must not exceed the voltage on VDD.
Frequency adjust input. The switching frequency is programmable between 200 kHz
FADJ
6
4
I
and 1.2 MHz by connecting a resistor between FADJ and GND.
Feedback input. Inverting input to the error amplifier to set the output voltage and
FB
4
2
I
compensate the voltage-mode control loop.
Common ground connection. This pin provides the power and signal return
GND
11
9
G
connections for analog functions, including low-side MOSFET gate return, soft-start
capacitor, and frequency adjust resistor.
HG
15
14
O
High-side MOSFET gate drive output.
LG
13
11
O
Low-side MOSFET gate drive output.
Power Good monitor output. This open-drain output goes low during overcurrent,
short-circuit, UVLO, output overvoltage and undervoltage, overtemperature, or when
PGOOD
9
8
O
the output is not regulated (such as an output prebias). An external pullup resistor to
VDD or to an external rail is required. Included is a 20-
μs deglitch filter. The PGOOD
voltage should not exceed 5.5 V.
(1)
P= Power, G = Ground, I = Input, O = Output
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM27402


유사한 부품 번호 - LM27402_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27402 NSC-LM27402_1 Datasheet
167Kb / 4P
   Current Limit Application Circuits Application Circuits
More results

유사한 설명 - LM27402_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866_15 Datasheet
527Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
logo
Analog Devices
LTC7878 AD-LTC7878 Datasheet
1Mb / 28P
   70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
Rev. 0
logo
Linear Technology
LTC3774 LINER-LTC3774_15 Datasheet
408Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3774 LINER-LTC3774 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com