전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5307C 데이터시트(PDF) 3 Page - Nippon Precision Circuits Inc

부품명 SM5307C
상세설명  3-channel Video Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5307C 데이터시트(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5307C Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5307C Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5307C Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5307C Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5307C Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5307C Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5307C Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5307C Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5307C Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SM5307C
SEIKO NPC CORPORATION —3
PIN DESCRIPTION
Number
Name
I/O *1
*1. I: input, O: output
A/D*2
*2. A: analog, D: digital
Description
1
FC1
I
D
Filter select pin 1
2
IN1A
I
A
Video signal input pin (CH-1, input A)
3
IN1B
I
A
Video signal input pin (CH-1, input B)
4
VCC
Supply pin
5NC
−−
No connection
6
IN2A
I
A
Video signal input pin (CH-2, input A)
7
IN2B
I
A
Video signal input pin (CH-2, input B)
8NC
−−
No connection
9
GND
Ground pin
10
IN3A
I
A
Video signal input pin (CH-3, input A)
11
IN3B
I
A
Video signal input pin (CH-3, input B)
12
DISABLE
I
D
Disable function control pin
13
MUXSEL
I
D
Input multiplexer switch control pin
14
VCC
Supply pin
15
NC
−−
No connection
16
OUT3
O
A
Video signal output pin (CH-3)
17
GND
Ground pin
18
OUT2
O
A
Video signal output pin (CH-2)
19
VCC
Supply pin
20
OUT1
O
A
Video signal output pin (CH-1)
21
NC
−−
No connection
22
GND
Ground pin
23
NC
−−
No connection
24
FC2
I
D
Filter select pin 2


유사한 부품 번호 - SM5307C

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5307A NPC-SM5307A Datasheet
207Kb / 13P
   3-channel Video Buffer
More results

유사한 설명 - SM5307C

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5307A NPC-SM5307A Datasheet
207Kb / 13P
   3-channel Video Buffer
SM5306A NPC-SM5306A Datasheet
176Kb / 8P
   Low Voltage, 3-channel Video Buffer
logo
3PEAK INC.
TPF153 3PEAK-TPF153 Datasheet
964Kb / 10P
   Low Power, 3-channel 6dB gain Video buffer for HD-Video
logo
Nippon Precision Circui...
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
   3-channel Video Buffer with Built-in Wideband Filters
logo
Mitsubishi Electric Sem...
M52732SP MITSUBISHI-M52732SP Datasheet
78Kb / 11P
   3-CHANNEL VIDEO AMPLIFICATION
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033_06 Datasheet
384Kb / 12P
   250MHz Video Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com