전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM6661A 데이터시트(PDF) 9 Page - Nippon Precision Circuits Inc

부품명 SM6661A
상세설명  Post-amplifier for Gyroscope
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6661A 데이터시트(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM6661A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 12Page - Nippon Precision Circuits Inc SM6661A Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SM6661A
SEIKO NPC CORPORATION —9
TYPICAL APPLICATION CIRCUIT
Total gain
36.8dB
fCL
0.05Hz
fCH
219Hz
VCC/2
VSIG_IN1
VREF_IN1
SLEEP
VSIG_OUT1
0.1
µF
VCC
GAIN1
HPF1
GND
10
µF
REF
A/D converter 1
0.1
µF
22
µF
VSIG_IN2
VREF_IN2
VSIG_OUT2
GAIN2
HPF2
GND
0.1
µF
22
µF
VCC
R1
150k
C1
22
µF
R2
330k
VCC/2
Amplified signal
A/D converter 2
VCC/2
Amplified signal
Sensor 2
VREF_IN
Sensor signal
VREF_IN
Reference voltage
Sensor 1
VREF_IN
Sensor signal
VREF_IN
Reference voltage
R1
150k
C1
22
µF
R2
330k
C2
2200pF
AMP
30dB
+
+
AMP
30dB
+
C2
2200pF
AMP
AMP


유사한 부품 번호 - SM6661A

제조업체부품명데이터시트상세설명
logo
DB Unlimited.
SM660408-1 DBUNLIMITED-SM660408-1 Datasheet
712Kb / 1P
   Released from Engineering
logo
SeCoS Halbleitertechnol...
SM660D SECOS-SM660D Datasheet
295Kb / 2P
   6.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Nippon Precision Circui...
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
SM6610AD NPC-SM6610AD Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
More results

유사한 설명 - SM6661A

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1577Q SONY-CXB1577Q Datasheet
339Kb / 22P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
   Post Amplifier for Optical Fiber Communication Receiver
CXB1572Q SONY-CXB1572Q Datasheet
300Kb / 16P
   Post amplifier for Optical Fiber Communication Receiver
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
logo
Arizona Microtek, Inc
AZ88923 AZM-AZ88923_12 Datasheet
392Kb / 6P
   High Speed Limiting Post Amplifier
logo
TDK Electronics
ITG-3050 TDK-ITG-3050 Datasheet
1Mb / 42P
   MEMS gyroscope
logo
Arizona Microtek, Inc
AZ88943 AZM-AZ88943 Datasheet
56Kb / 5P
   High-Speed Limiting Post Amplifier
AZ88923 AZM-AZ88923 Datasheet
57Kb / 5P
   High-Speed Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com