전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1733CT 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TEA1733CT
상세설명  GreenChip SMPS control IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1733CT 데이터시트(HTML) 4 Page - NXP Semiconductors

  TEA1733CT Datasheet HTML 1Page - NXP Semiconductors TEA1733CT Datasheet HTML 2Page - NXP Semiconductors TEA1733CT Datasheet HTML 3Page - NXP Semiconductors TEA1733CT Datasheet HTML 4Page - NXP Semiconductors TEA1733CT Datasheet HTML 5Page - NXP Semiconductors TEA1733CT Datasheet HTML 6Page - NXP Semiconductors TEA1733CT Datasheet HTML 7Page - NXP Semiconductors TEA1733CT Datasheet HTML 8Page - NXP Semiconductors TEA1733CT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TEA1733CT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 16 July 2013
4 of 20
NXP Semiconductors
TEA1733CT
GreenChip SMPS control IC
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pinning diagram SOT96-1 (SO8)
TEA1733CT
VCC
OPTIMER
GND
CTRL
DRIVER
PROTECT
ISENSE
VINSENSE
aaa-001530
1
2
3
4
6
5
8
7
Table 2.
Pin description
Symbol
Pin
Description
VCC
1
supply voltage
GND
2
ground
DRIVER
3
gate driver output
ISENSE
4
current sense input
VINSENSE
5
input voltage protection input
PROTECT
6
general-purpose protection input
CTRL
7
control input
OPTIMER
8
overpower and restart timer


유사한 부품 번호 - TEA1733CT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
More results

유사한 설명 - TEA1733CT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com