전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1732LTS 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TEA1732LTS
상세설명  GreenChip SMPS control IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1732LTS 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TEA1732LTS Datasheet HTML 6Page - NXP Semiconductors TEA1732LTS Datasheet HTML 7Page - NXP Semiconductors TEA1732LTS Datasheet HTML 8Page - NXP Semiconductors TEA1732LTS Datasheet HTML 9Page - NXP Semiconductors TEA1732LTS Datasheet HTML 10Page - NXP Semiconductors TEA1732LTS Datasheet HTML 11Page - NXP Semiconductors TEA1732LTS Datasheet HTML 12Page - NXP Semiconductors TEA1732LTS Datasheet HTML 13Page - NXP Semiconductors TEA1732LTS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TEA1732LTS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 18 March 2014
10 of 20
NXP Semiconductors
TEA1732LTS
GreenChip SMPS control IC
7.13 Driver (pin DRIVER)
The driver circuit to the gate of the power MOSFET has a current sourcing capability of
typically 300 mA and a current sink capability of typically 750 mA. This enables a fast
turn-on and turn-off of the power MOSFET for efficient operation.
7.14 OverTemperature Protection (OTP)
If the junction temperature exceeds the thermal shutdown limit, integrated
overtemperature protection ensures that the IC stops switching.
OTP is a latched protection. It can be reset by removing the voltage on pin VCC.
Fig 11. Overpower compensation


유사한 부품 번호 - TEA1732LTS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1732CTS PHILIPS-TEA1732CTS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
More results

유사한 설명 - TEA1732LTS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com