전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1723BT 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TEA1723BT
상세설명  HV start-up flyback controller with integrated MOSFET for 11 W applications, 905 Hz burst frequency
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1723BT 데이터시트(HTML) 2 Page - NXP Semiconductors

  TEA1723BT Datasheet HTML 1Page - NXP Semiconductors TEA1723BT Datasheet HTML 2Page - NXP Semiconductors TEA1723BT Datasheet HTML 3Page - NXP Semiconductors TEA1723BT Datasheet HTML 4Page - NXP Semiconductors TEA1723BT Datasheet HTML 5Page - NXP Semiconductors TEA1723BT Datasheet HTML 6Page - NXP Semiconductors TEA1723BT Datasheet HTML 7Page - NXP Semiconductors TEA1723BT Datasheet HTML 8Page - NXP Semiconductors TEA1723BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TEA1723BT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2.2 — 7 June 2012
2 of 14
NXP Semiconductors
TEA1723BT
HV start-up flyback controller with integrated MOSFET for 11 W
Green features:
Enables no-load power consumption < 25 mW
Very low supply current in no-load condition with energy saver mode
Incorporates a high voltage start-up circuit with zero current consumption under
normal switching operation
Available in halogen-free and Restriction of Hazardous Substances (RoHS) SO7
package
Protective functions:
OverVoltage Protection (OVP) on Feedback control (FB) pin with auto-restart
UnderVoltage LockOut (UVLO) protection on IC supply pin
OverTemperature Protection (OTP)
Soft-start by reduced peak current for zero and low output voltage
Demagnetization protection for guaranteed discontinuous conduction mode operation
Open and short-circuit protection of the Feedback control (FB) pin
Short-circuit protection of the charger output
1.3 Applications
Battery chargers for cellular phones, tablet pc and other power adapters up to 11 W
Standby supply for TV, desktop PC and set-top boxes
Power supply for white goods applications
1.4 Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power switch (Pin: DRAIN)
RDSon
drain-source
on-state
resistance
Ids = 30 mA; Tj = 25 °C3.5
4.8
6
Oscillator (Pins: DRAIN and SOURCE)
fburst
burst frequency
burst frequency in CVB mode,
without jitter
815
905
995
Hz
fosc-high
oscillator
frequency High
maximum switching frequency
in CV and CC mode, without
jitter
48
50.5
53
kHz
Supply (Pin: VCC)
VCC(startup)
start-up supply
voltage
15
17
19
V
VCC(stop)
stop supply
voltage
undervoltage lockout of IC
7.5
8.5
9.5
V


유사한 부품 번호 - TEA1723BT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1723AT PHILIPS-TEA1723AT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 430 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723DT PHILIPS-TEA1723DT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723FT PHILIPS-TEA1723FT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1750 Hz burst frequency
Rev. 2.1-7 June 2012
More results

유사한 설명 - TEA1723BT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1721BT NXP-TEA1721BT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 905 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723DT PHILIPS-TEA1723DT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723AT PHILIPS-TEA1723AT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 430 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723FT PHILIPS-TEA1723FT Datasheet
252Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 11 W applications, 1750 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1721AT NXP-TEA1721AT_V01 Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency
Rev. 2.1 ??7 June 2012
TEA1721FT PHILIPS-TEA1721FT Datasheet
201Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 1750 Hz burst frequency
Rev. 1.1-7 June 2012
TEA1721DT PHILIPS-TEA1721DT Datasheet
202Kb / 14P
   HV start-up flyback controller with integrated MOSFET for 5 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
   HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com