전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6132A2 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TPA6132A2
상세설명  TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6132A2 데이터시트(HTML) 2 Page - Texas Instruments

  TPA6132A2_15 Datasheet HTML 1Page - Texas Instruments TPA6132A2_15 Datasheet HTML 2Page - Texas Instruments TPA6132A2_15 Datasheet HTML 3Page - Texas Instruments TPA6132A2_15 Datasheet HTML 4Page - Texas Instruments TPA6132A2_15 Datasheet HTML 5Page - Texas Instruments TPA6132A2_15 Datasheet HTML 6Page - Texas Instruments TPA6132A2_15 Datasheet HTML 7Page - Texas Instruments TPA6132A2_15 Datasheet HTML 8Page - Texas Instruments TPA6132A2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TPA6132A2
SLOS597A – DECEMBER 2008 – REVISED OCTOBER 2014
www.ti.com
Table of Contents
8.3
Feature Description................................................. 11
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 13
2
Applications ........................................................... 1
9
Application and Implementation ........................ 14
3
Description ............................................................. 1
9.1
Application Information............................................ 14
4
Simplified Schematic............................................. 1
9.2
Typical Applications ................................................ 14
5
Revision History..................................................... 2
10
Power Supply Recommendations ..................... 17
6
Pin Configuration and Functions ......................... 3
10.1
Power Supply and HPVDD Decoupling
7
Specifications......................................................... 4
Capacitors ................................................................ 17
7.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 18
7.2
Handling Ratings ...................................................... 4
11.1
Layout Guidelines ................................................. 18
7.3
Recommended Operating Condtions........................ 4
11.2
Layout Example .................................................... 18
7.4
Thermal Information .................................................. 4
11.3
GND Connections ................................................. 18
7.5
Electrical Characteristics........................................... 5
12
Device and Documentation Support ................. 19
7.6
Operating Characteristics.......................................... 5
12.1
Trademarks ........................................................... 19
7.7
Typical Characteristics .............................................. 6
12.2
Electrostatic Discharge Caution ............................ 19
8
Detailed Description ............................................ 10
12.3
Glossary ................................................................ 19
8.1
Overview ................................................................. 10
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ....................................... 10
Information ........................................................... 19
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (December 2008) to Revision A
Page
Added Handling Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging sections. ........................................................................................................ 1
Added Input voltage: EN, G0, G1 to the Absolute Maximum Ratings table........................................................................... 4
Added Input voltage: INR+, INR-, INL+, INL- to the Recommended Operating Condtions table........................................... 4
Changed Output impedance in shutdown From: TYP = 50
Ω To: TYP = 20 Ω in the Operating Characteristics table......... 5
2
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TPA6132A2


유사한 부품 번호 - TPA6132A2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
More results

유사한 설명 - TPA6132A2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com