전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1708T 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TEA1708T
상세설명  GreenChip X capacitor discharge IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1708T 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TEA1708T Datasheet HTML 3Page - NXP Semiconductors TEA1708T Datasheet HTML 4Page - NXP Semiconductors TEA1708T Datasheet HTML 5Page - NXP Semiconductors TEA1708T Datasheet HTML 6Page - NXP Semiconductors TEA1708T Datasheet HTML 7Page - NXP Semiconductors TEA1708T Datasheet HTML 8Page - NXP Semiconductors TEA1708T Datasheet HTML 9Page - NXP Semiconductors TEA1708T Datasheet HTML 10Page - NXP Semiconductors TEA1708T Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TEA1708T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 25 September 2013
7 of 11
NXP Semiconductors
TEA1708T
GreenChip X capacitor discharge IC
12. Package outline
Fig 5.
Package outline SOT96-1 (SO8)
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
5.0
4.8
4.0
3.8
1.27
6.2
5.8
1.05
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
0.25
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
1.0
0.4
SOT96-1
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
4
5
pin 1 index
1
8
y
076E03
MS-012
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.20
0.19
0.16
0.15
0.05
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.01
0.041
0.004
0.039
0.016
0
2.5
5 mm
scale
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
99-12-27
03-02-18


유사한 부품 번호 - TEA1708T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1708T NXP-TEA1708T Datasheet
210Kb / 12P
   GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
TEA1708T/1 NXP-TEA1708T/1 Datasheet
210Kb / 12P
   GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
TEA1708T NXP-TEA1708T_V01 Datasheet
210Kb / 12P
   GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
More results

유사한 설명 - TEA1708T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1708T NXP-TEA1708T_V01 Datasheet
210Kb / 12P
   GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
TEA19363T NXP-TEA19363T Datasheet
327Kb / 34P
   GreenChip SMPS primary side control IC with QR/DCM operation and X-capacitor discharge
Rev. 1-20 October 2016
TEA19363LT NXP-TEA19363LT Datasheet
330Kb / 35P
   GreenChip SMPS primary side control IC with QR/DCM operation and active x-capacitor discharge
Rev. 1-24 October 2016
logo
Power Integrations, Inc...
CAP004DG-TL POWERINT-CAP004DG-TL Datasheet
604Kb / 8P
   Zero1 Loss Automatic X Capacitor Discharge IC
CAP002DG POWERINT-CAP002DG Datasheet
604Kb / 8P
   Zero Loss Automatic X Capacitor Discharge IC
CAP200DG POWERINT-CAP200DG Datasheet
681Kb / 8P
   Zero1 Loss Automatic X Capacitor Discharge IC
November 2018
CAP002DG-TL POWERINT-CAP002DG-TL Datasheet
604Kb / 8P
   Zero Loss Automatic X Capacitor Discharge IC
logo
NXP Semiconductors
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
TEA1733T_1307 NXP-TEA1733T_1307 Datasheet
148Kb / 21P
   GreenChip SMPS control IC
Rev. 7-11 July 2013
TEA18363T PHILIPS-TEA18363T Datasheet
246Kb / 27P
   GreenChip SMPS control IC
Rev. 2-12 December 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com