전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6139A2 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TPA6139A2
상세설명  DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6139A2 데이터시트(HTML) 3 Page - Texas Instruments

  TPA6139A2_15 Datasheet HTML 1Page - Texas Instruments TPA6139A2_15 Datasheet HTML 2Page - Texas Instruments TPA6139A2_15 Datasheet HTML 3Page - Texas Instruments TPA6139A2_15 Datasheet HTML 4Page - Texas Instruments TPA6139A2_15 Datasheet HTML 5Page - Texas Instruments TPA6139A2_15 Datasheet HTML 6Page - Texas Instruments TPA6139A2_15 Datasheet HTML 7Page - Texas Instruments TPA6139A2_15 Datasheet HTML 8Page - Texas Instruments TPA6139A2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
De Pop
GAIN
Control
Current
Limit
Charge Pump
Thermal
Limit
Left
Right
Power
Management
Current
Limit
TPA6139A2
www.ti.com
SLOS700B – JANUARY 2011 – REVISED JUNE 2012
SYSTEM BLOCK DIAGRAM
ORDERING INFORMATION(1)
TA
PACKAGE
DESCRIPTION
–40°C to 85°C
TPA6139A2PW
14-pin TSSOP
–40°C to 85°C
TPA6139A2RGT
16-pin QFN
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
THERMAL INFORMATION
TPA6139A2
TPA6139A2
THERMAL METRIC(1)
UNITS
PW (14-Pin)
RGT (16-Pin)
θJA
Junction-to-ambient thermal resistance
130
52
θJCtop
Junction-to-case (top) thermal resistance
49
71
θJB
Junction-to-board thermal resistance
63
26
°C/W
ψJT
Junction-to-top characterization parameter
3.6
3.0
ψJB
Junction-to-board characterization parameter
62
26
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
9.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPA6139A2


유사한 부품 번호 - TPA6139A2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6139A2 TI1-TPA6139A2_16 Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
More results

유사한 설명 - TPA6139A2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6139A2 TI1-TPA6139A2 Datasheet
825Kb / 22P
[Old version datasheet]   DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com