전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6203A1 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TPA6203A1
상세설명  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6203A1 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA6203A1_15 Datasheet HTML 7Page - Texas Instruments TPA6203A1_15 Datasheet HTML 8Page - Texas Instruments TPA6203A1_15 Datasheet HTML 9Page - Texas Instruments TPA6203A1_15 Datasheet HTML 10Page - Texas Instruments TPA6203A1_15 Datasheet HTML 11Page - Texas Instruments TPA6203A1_15 Datasheet HTML 12Page - Texas Instruments TPA6203A1_15 Datasheet HTML 13Page - Texas Instruments TPA6203A1_15 Datasheet HTML 14Page - Texas Instruments TPA6203A1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Input Capacitor (CI)
Decoupling Capacitor (CS)
fc +
1
2pR
I
C
I
(2)
USING LOW-ESR CAPACITORS
–3 dB
fc
DIFFERENTIAL OUTPUT VERSUS
C
I +
1
2pR
I
fc
(3)
TPA6203A1
www.ti.com.......................................................................................................................................................... SLOS364F – MARCH 2002 – REVISED JUNE 2008
The TPA6203A1 does not require input coupling
The TPA6203A1 is a high-performance CMOS audio
capacitors if using a differential input source that is
amplifier
that
requires
adequate
power
supply
biased from 0.5 V to VDD - 0.8 V. Use 1% tolerance
decoupling to ensure the output total harmonic
or better gain-setting resistors if not using input
distortion (THD) is as low as possible. Power supply
coupling capacitors.
decoupling also prevents oscillations for long lead
lengths between the amplifier and the speaker. For
In
the
single-ended
input
application
an
input
higher frequency transients, spikes, or digital hash on
capacitor, CI, is required to allow the amplifier to bias
the line, a good low equivalent-series- resistance
the input signal to the proper dc level. In this case, CI
(ESR) ceramic capacitor, typically 0.1
µF to 1 µF,
and RI form a high-pass filter with the corner
placed as close as possible to the device VDD lead
frequency determined in Equation 2.
works best. For filtering lower frequency noise
signals, a 10-
µF or greater capacitor placed near the
audio power amplifier also helps, but is not required
in most applications because of the high PSRR of this
device.
Low-ESR capacitors are recommended throughout
this applications section. A real (as opposed to ideal)
capacitor can be modeled simply as a resistor in
series with an ideal capacitor. The voltage drop
across this resistor minimizes the beneficial effects of
the capacitor in the circuit. The lower the equivalent
value of this resistance the more the real capacitor
behaves like an ideal capacitor.
The value of CI is important to consider as it directly
affects the bass (low frequency) performance of the
SINGLE-ENDED OUTPUT
circuit. Consider the example where RI is 10 kΩ and
Figure 31 shows a Class-AB audio power amplifier
the specification calls for a flat bass response down
(APA)
in
a
fully
differential
configuration.
The
to 100 Hz. Equation 2 is reconfigured as Equation 3.
TPA6203A1 amplifier has differential outputs driving
both ends of the load. There are several potential
benefits to this differential drive configuration, but
initially consider power to the load. The differential
In this example, CI is 0.16 µF, so one would likely
drive to the speaker means that as one side is
choose a value in the range of 0.22
µF to 0.47 µF. A
slewing up, the other side is slewing down, and vice
further consideration for this capacitor is the leakage
versa. This in effect doubles the voltage swing on the
path from the input source through the input network
load as compared to a ground referenced load.
(RI, CI) and the feedback resistor (RF) to the load.
Plugging 2 × VO(PP) into the power equation, where
This leakage current creates a dc offset voltage at the
voltage is squared, yields 4× the output power from
input to the amplifier that reduces useful headroom,
the same supply rail and load impedance (see
especially in high gain applications. For this reason, a
Equation 4).
ceramic capacitor is the best choice. When polarized
capacitors are used, the positive side of the capacitor
should face the amplifier input in most applications,
as the dc level there is held at VDD/2, which is likely
higher than the source dc level. It is important to
confirm the capacitor polarity in the application.
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPA6203A1


유사한 부품 번호 - TPA6203A1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA6203A1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com