전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF3N25ZL-TM3-T 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 UF3N25ZL-TM3-T
상세설명  N-CHANNEL JUNCTION FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF3N25ZL-TM3-T 데이터시트(HTML) 1 Page - Unisonic Technologies

  UF3N25ZL-TM3-T Datasheet HTML 1Page - Unisonic Technologies UF3N25ZL-TM3-T Datasheet HTML 2Page - Unisonic Technologies UF3N25ZL-TM3-T Datasheet HTML 3Page - Unisonic Technologies UF3N25ZL-TM3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF3N25Z
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-760.E
3A, 250V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UF3N25Z is an N-channel enhancement mode
Power MOSFET using UTC’ s advanced technology to provide
customers with a minimum on-state resistance, low gate charge
and superior switching performance.
FEATURES
* RDS(ON)<2Ω @ VGS=10V
* High switching speed
* Typically 3.2nC low gate charge
* 100% avalanche tested
SYMBOL
TO-252
1
TO-251
SOT-223
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UF3N25ZL-AA3-R
UF3N25ZG-AA3-R
SOT-223
G
D
S
Tape Reel
UF3N25ZL-TM3-T
UF3N25ZG-TM3-T
TO-251
G
D
S
Tube
UF3N25ZL-TN3-R
UF3N25ZG-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


유사한 부품 번호 - UF3N25ZL-TM3-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UF3N25ZL-TM3-T UTC-UF3N25ZL-TM3-T Datasheet
150Kb / 3P
   3A, 250V N-CHANNEL POWER MOSFET
More results

유사한 설명 - UF3N25ZL-TM3-T

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
TF222 SANYO-TF222 Datasheet
51Kb / 4P
   N-channel Junction FET
logo
List of Unclassifed Man...
2N5432 ETC-2N5432 Datasheet
226Kb / 2P
   N CHANNEL JUNCTION FET
RJN1164 ETC1-RJN1164 Datasheet
175Kb / 4P
   N-Channel Junction FET
logo
Panasonic Semiconductor
XP1D874 PANASONIC-XP1D874 Datasheet
28Kb / 2P
   N-channel junction FET
logo
Micro Electronics
BF245 MICRO-ELECTRONICS-BF245 Datasheet
47Kb / 1P
   N-CHANNEL JUNCTION FET
logo
NXP Semiconductors
BF862 NXP-BF862_00 Datasheet
87Kb / 12P
   N-channel junction FET
2000 Jan 05
logo
Unisonic Technologies
2SK2751 UTC-2SK2751_07 Datasheet
71Kb / 4P
   N-CHANNEL JUNCTION FET
logo
Quanzhou Jinmei Electro...
BF862 JMNIC-BF862_15 Datasheet
87Kb / 12P
   N-channel junction FET
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S_15 Datasheet
199Kb / 4P
   N-CHANNEL JUNCTION FET
logo
AUK corp
STK596M AUK-STK596M Datasheet
342Kb / 5P
   N-Channel Junction FET
logo
List of Unclassifed Man...
FN22 ETC1-FN22 Datasheet
221Kb / 2P
   N-CHANNEL JUNCTION FET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com