전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2585 데이터시트(PDF) 7 Page - Texas Instruments

부품명 LM2585
상세설명  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2585 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM2585_15 Datasheet HTML 3Page - Texas Instruments LM2585_15 Datasheet HTML 4Page - Texas Instruments LM2585_15 Datasheet HTML 5Page - Texas Instruments LM2585_15 Datasheet HTML 6Page - Texas Instruments LM2585_15 Datasheet HTML 7Page - Texas Instruments LM2585_15 Datasheet HTML 8Page - Texas Instruments LM2585_15 Datasheet HTML 9Page - Texas Instruments LM2585_15 Datasheet HTML 10Page - Texas Instruments LM2585_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LM2585
www.ti.com
SNVS120F – APRIL 2000 – REVISED APRIL 2013
Typical Performance Characteristics
Supply Current
Reference Voltage
vs Temperature
vs Temperature
Figure 5.
Figure 6.
ΔReference Voltage
Supply Current
vs Supply Voltage
vs Switch Current
Figure 7.
Figure 8.
Feedback Pin Bias
Current Limit
Current
vs Temperature
vs Temperature
Figure 9.
Figure 10.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2585


유사한 부품 번호 - LM2585_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2585S-12 NSC-LM2585S-12 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2585S-12 NSC-LM2585S-12 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
LM2585S-3.3 NSC-LM2585S-3.3 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2585S-3.3 NSC-LM2585S-3.3 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
LM2585S-5.0 NSC-LM2585S-5.0 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
More results

유사한 설명 - LM2585_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com