전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2611 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM2611
상세설명  LM2611 1.4MHz Cuk Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2611 데이터시트(HTML) 4 Page - Texas Instruments

  LM2611_15 Datasheet HTML 1Page - Texas Instruments LM2611_15 Datasheet HTML 2Page - Texas Instruments LM2611_15 Datasheet HTML 3Page - Texas Instruments LM2611_15 Datasheet HTML 4Page - Texas Instruments LM2611_15 Datasheet HTML 5Page - Texas Instruments LM2611_15 Datasheet HTML 6Page - Texas Instruments LM2611_15 Datasheet HTML 7Page - Texas Instruments LM2611_15 Datasheet HTML 8Page - Texas Instruments LM2611_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1.30
1.32
1.34
1.36
1.38
1.40
1.42
1.44
1.46
1.48
0
2
4
6
8
10
12
14
VIN (V)
1.32
1.34
1.36
1.38
1.40
1.42
1.44
1.46
1.48
1.50
TEMPERATURE (
oC)
1.30
-60 -40 -20
0
20 40 60 80 100120 140 160
-50
TEMPERATURE (
oC)
0
50
100
150
1.35
1.36
1.37
1.38
1.39
1.4
1.15
1.2
1.25
1.3
1.35
1.4
1.45
2
4
6
8
10
12
VIN (V)
0.3
0.35
0.4
0.45
0.5
0.55
2
4
6
8
10
12
14
VIN (V)
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
150
TEMPERATURE (
oC)
LM2611
SNOS965I – JUNE 2001 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
RDS(ON) Vs. Ambient Temperature
RDS(ON) vs VIN
VIN = 5V
Figure 1.
Figure 2.
Switch Current Limit vs Ambient Temperature
Switch Current Limit vs. VIN
VIN = 5V
Figure 3.
Figure 4.
Oscillator Frequency vs Ambient Temperature
Oscillator Frequency vs VIN
VIN = 5V
Figure 5.
Figure 6.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM2611


유사한 부품 번호 - LM2611_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2611AMF NSC-LM2611AMF Datasheet
358Kb / 13P
   1.4MHz Cuk Converter
LM2611AMF NSC-LM2611AMF Datasheet
832Kb / 15P
   1.4MHz Cuk Converter
logo
Texas Instruments
LM2611AMF/NOPB TI1-LM2611AMF/NOPB Datasheet
487Kb / 22P
[Old version datasheet]   Cuk Converter
logo
National Semiconductor ...
LM2611AMFX NSC-LM2611AMFX Datasheet
358Kb / 13P
   1.4MHz Cuk Converter
LM2611AMFX NSC-LM2611AMFX Datasheet
832Kb / 15P
   1.4MHz Cuk Converter
More results

유사한 설명 - LM2611_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2611 NSC-LM2611 Datasheet
358Kb / 13P
   1.4MHz Cuk Converter
LM2611 NSC-LM2611_05 Datasheet
832Kb / 15P
   1.4MHz Cuk Converter
logo
Texas Instruments
LM2611 TI1-LM2611 Datasheet
487Kb / 22P
[Old version datasheet]   Cuk Converter
logo
Monolithic Power System...
MP3209 MPS-MP3209 Datasheet
397Kb / 11P
   1.4MHz, 350mA Boost Converter
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
   1.4MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410_10 Datasheet
463Kb / 10P
   1A / 1.4MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com