전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2655 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM2655
상세설명  2.5A High Efficiency Synchronous Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2655 데이터시트(HTML) 3 Page - Texas Instruments

  LM2655_15 Datasheet HTML 1Page - Texas Instruments LM2655_15 Datasheet HTML 2Page - Texas Instruments LM2655_15 Datasheet HTML 3Page - Texas Instruments LM2655_15 Datasheet HTML 4Page - Texas Instruments LM2655_15 Datasheet HTML 5Page - Texas Instruments LM2655_15 Datasheet HTML 6Page - Texas Instruments LM2655_15 Datasheet HTML 7Page - Texas Instruments LM2655_15 Datasheet HTML 8Page - Texas Instruments LM2655_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Connection Diagram
16-Lead TSSOP (MTC)
10128403
Top View
Order Number LM2655MTC-ADJ
See NS Package Number MTC16
Block Diagram
10128404
www.national.com
2


유사한 부품 번호 - LM2655_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2655MTC-3.3 NSC-LM2655MTC-3.3 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2655MTC-ADJ NSC-LM2655MTC-ADJ Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2655MTC-ADJ NSC-LM2655MTC-ADJ Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2655MTCX-3.3 NSC-LM2655MTCX-3.3 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2655MTCX-ADJ NSC-LM2655MTCX-ADJ Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
More results

유사한 설명 - LM2655_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Fitipower Integrated Te...
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
   High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
   2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
ACE Technology Co., LTD...
ACE713C ACE-ACE713C Datasheet
414Kb / 4P
   High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com