전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2664M6 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2664M6
상세설명  LM2664 Switched Capacitor Voltage Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2664M6 데이터시트(HTML) 5 Page - Texas Instruments

  LM2664M6 Datasheet HTML 1Page - Texas Instruments LM2664M6 Datasheet HTML 2Page - Texas Instruments LM2664M6 Datasheet HTML 3Page - Texas Instruments LM2664M6 Datasheet HTML 4Page - Texas Instruments LM2664M6 Datasheet HTML 5Page - Texas Instruments LM2664M6 Datasheet HTML 6Page - Texas Instruments LM2664M6 Datasheet HTML 7Page - Texas Instruments LM2664M6 Datasheet HTML 8Page - Texas Instruments LM2664M6 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM2664
www.ti.com
SNVS005E – NOVEMBER 1999 – REVISED DECEMBER 2014
6.5 Electrical Characteristics
MIN and MAX limits apply over the full operating temperature range. Unless otherwise specified: TJ = 25°C, V+ = 5 V, C1 = C2
= 3.3
μF.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
V+
Supply voltage
1.8
5.5
V
IQ
Supply current
No load
220
500
µA
ISD
Shutdown supply current
1
µA
VSD
Shutdown pin input voltage
Normal operation
2(4)
V
Shutdown mode
0.8(5)
IL
Output current
40
mA
RSW
Sum of the Rds(on)of the four internal IL = 40 mA
4
8
Ω
MOSFET switches
ROUT
Output resistance(6)
IL = 40 mA
12
25
Ω
fOSC
Oscillator frequency
See(7)
80
160
kHz
fSW
Switching frequency
See(7)
40
80
kHz
PEFF
Power efficiency
RL (1 k) between GND and OUT
90%
94%
IL = 40 mA to GND
91%
VOEFF
Voltage conversion efficiency
No load
99%
99.96%
(1)
In the test circuit, capacitors C1 and C2 are 3.3-µF, 0.3-Ω maximum ESR capacitors. Capacitors with higher ESR will increase output
resistance, reduce output voltage and efficiency.
(2)
Min. and Max. limits are ensured by design, test, or statistical analysis.
(3)
Typical numbers are not ensured but represent the most likely norm.
(4)
The minimum input high for the shutdown pin equals 40% of V+.
(5)
The maximum input low for the shutdown pin equals 20% of V+.
(6)
Specified output resistance includes internal switch resistance and capacitor ESR. See the details in Application and Implementation for
simple negative voltage converter.
(7)
The output switches operate at one half of the oscillator frequency, ƒOSC = 2ƒSW.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2664


유사한 부품 번호 - LM2664M6

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2664M6 NSC-LM2664M6 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2664M6 TI-LM2664M6 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2664M6X NSC-LM2664M6X Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2664M6X TI-LM2664M6X Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results

유사한 설명 - LM2664M6

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com