전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL-SG1005D 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 TL-SG1005D
상세설명  5/8-Port Gigabit Desktop Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TL-SG1005D 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  TL-SG1005D Datasheet HTML 1Page - List of Unclassifed Manufacturers TL-SG1005D Datasheet HTML 2Page - List of Unclassifed Manufacturers TL-SG1005D Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Innovative energy-ecient technology
saves power up to 75%/80%
Supports IEEE 802.3x ow control for Full
Duplex mode and backpressure for Half
Duplex mode
Non-blocking switching architecture that
forwards and lters packets at full
wire-speed for maximum throughput
10/16 Gbps Switching Capacity
15k/15k Jumbo frame improves
performance of large data transfers
Store and forward Switching scheme
Auto-MDI/MDIX eliminates the need for
crossover cables
Supports MAC address auto-learning and
auto-aging
Auto-negotiation ports provide smart
integration between 10Mbps, 100Mbps
and 1000Mbps hardware.
Plug and Play design simplies installation
Quiet/Fanless design to make sure it works
quietly without disturbing your family
Features:
All 5/8 ports are Gigabit RJ-45 ports which can provide large le transferring and also be
compatible with 10Mbps and 100Mbps Ethernet devices. Featuring non-blocking
switching architecture,The TL-SG1005D/TL-SG1008D forwards and lters packets at full
wire-speed for maximum throughput. With 15K/15K Jumbo frame,the performance of
large les transfers is improved signicantly. And IEEE 802.3x ow control for Full Duplex
mode and backpressure for Half Duplex mode alleviate the trac congestion and make
TL-SG1005D/TL-SG1008D work reliably. It’s a perfect choice to update your network to
Gigabit while protecting your previous investment properly.
www.tp-link.com
High Performance
TP-LINK Green Technology
Easy to Use
1. Maximum power savings when compared to a TP-LINK conventional switch,
the real saving rate may vary based on the usage condition.
24
/7
Global technical support
The auto features of this gigabit switch make installation plug and play and hassle-free. No
conguring is required. Auto MDI/MDIX eliminates the need for crossover cables.
Auto-negotiation on each port senses the link speed of a network device (10, 100, or 1000
Mbps) and intelligently adjusts for compatibility and optimal performance.
Details:http://www.tp-link.com/support/Localesupport.asp
German/Austrian/Swiss users are not included
This new generation TL-SG1005D/TL-SG1008D Gigabit Switch features the latest
innovative energy-ecient technologies that can greatly expand your network capacity
with much less power. It automatically adjusts power consumption according to the link
status and cable length to limit the carbon footprint of your network. It also complies with
the EU’S RoHS, prohibiting the use of certain hazardous materials. Besides, 80% of the
packaging material can be recycled.
Internet
ADSL2+ Modem Router
TD-8810
TL-SG1008D
TL-WA801ND
8-Port Gigabit Desktop Switch
Diagram:
Server
300Mbps Wireless N Access point
Desktop PC
TF-3200 10/100Mbps PCI Network Adapter
10/100Mbps
10/100/1000Mbps


유사한 부품 번호 - TL-SG1005D

제조업체부품명데이터시트상세설명
logo
TP-Link Technologies Co...
TL-SG1005D TP-LINK-TL-SG1005D Datasheet
453Kb / 2P
   Gigabit PCI Express Network Adapter
More results

유사한 설명 - TL-SG1005D

제조업체부품명데이터시트상세설명
logo
Level One
GSW-0507 LVL1-GSW-0507 Datasheet
664Kb / 3P
   5-Port Gigabit Ethernet Switch
logo
List of Unclassifed Man...
LSW3-GT-5EP_W ETC2-LSW3-GT-5EP_W Datasheet
410Kb / 2P
   Gigabit Ethernet Switch - 5 Port
TL-SF1005D ETC2-TL-SF1005D Datasheet
1Mb / 2P
   5-Port 10/100Mbps Desktop Switch
TL-SG2008 ETC2-TL-SG2008 Datasheet
1Mb / 4P
   8-Port Gigabit Smart Switch
logo
Level One
GEU-0822 LVL1-GEU-0822 Datasheet
530Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
   8-Port Gigabit Ethernet Switch
logo
List of Unclassifed Man...
TL-SF1008D ETC2-TL-SF1008D Datasheet
481Kb / 2P
   8-Port 10/100M Desktop Switch
TL-SG105E ETC2-TL-SG105E Datasheet
1Mb / 4P
   5-Port Gigabit Easy Smart Switch
logo
Advantech Co., Ltd.
EKI-5725-AE ADVANTECH-EKI-5725-AE Datasheet
443Kb / 2P
   5-port Gigabit Ethernet ProView Switch
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com