전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2775DSGR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2775DSGR
상세설명  LM2775 Switched Capacitor 5-V Boost Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2775DSGR 데이터시트(HTML) 3 Page - Texas Instruments

  LM2775DSGR Datasheet HTML 1Page - Texas Instruments LM2775DSGR Datasheet HTML 2Page - Texas Instruments LM2775DSGR Datasheet HTML 3Page - Texas Instruments LM2775DSGR Datasheet HTML 4Page - Texas Instruments LM2775DSGR Datasheet HTML 5Page - Texas Instruments LM2775DSGR Datasheet HTML 6Page - Texas Instruments LM2775DSGR Datasheet HTML 7Page - Texas Instruments LM2775DSGR Datasheet HTML 8Page - Texas Instruments LM2775DSGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
4
2
3
8
5
7
6
LM2775
www.ti.com
SNVSA57 – MAY 2015
5 Pin Configuration and Functions
DSG Package
8-Pin WSON with Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
PFM
I
PFM mode enable. Allow or disallow PFM operation. 1 = PFM enabled, 0 = PWM disabled
2
C1–
P
Flying capacitor pin
3
C1+
P
Flying capacitor pin
Output disconnect option. 1 = Active output discharge during shutdown, 0 = High impedance
4
OUTDIS
I
output without pull-down during shutdown.
5
EN
I
Chip enable. 1 = Enabled, 0 = Disabled
6
VOUT
O
Charge pump output
7
VIN
P
Input voltage
8
GND
G
Ground
Thermal Pad
GND
GND
Connect to GND
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2775


유사한 부품 번호 - LM2775DSGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2775 TI1-LM2775 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
LM2775QDSGRQ1 TI1-LM2775QDSGRQ1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
LM2775QDSGTQ1 TI1-LM2775QDSGTQ1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
More results

유사한 설명 - LM2775DSGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com