전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2775DSGT 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2775DSGT
상세설명  LM2775 Switched Capacitor 5-V Boost Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2775DSGT 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM2775DSGT Datasheet HTML 6Page - Texas Instruments LM2775DSGT Datasheet HTML 7Page - Texas Instruments LM2775DSGT Datasheet HTML 8Page - Texas Instruments LM2775DSGT Datasheet HTML 9Page - Texas Instruments LM2775DSGT Datasheet HTML 10Page - Texas Instruments LM2775DSGT Datasheet HTML 11Page - Texas Instruments LM2775DSGT Datasheet HTML 12Page - Texas Instruments LM2775DSGT Datasheet HTML 13Page - Texas Instruments LM2775DSGT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LM2775
SNVSA57 – MAY 2015
www.ti.com
Feature Description (continued)
7.3.3 PFM Mode
To minimize quiescent current during light load operation, the LM2775 provides a PFM operation option
(selectable via the PFM pin. '1' = PFM allowed, '0' = Fixed frequency). By allowing the charge pump to only
switch when the VOUT voltage decays to a typical 5.05 V, the quiescent current drawn from the power source is
minimized. The frequency of pulsed operation is not limited and can drop into the sub-1-kHz range when
unloaded. As the load increases, the frequency of pulsing increases.
When PFM mode is disabled, the device operates in a constant frequency mode. In this mode, the quiescent
current remains at normal levels even when the load current is decreased. The main advantages of fixed
frequency operation include a lower output voltage ripple level due to the constant switching and a predictable
switching frequency that stays at 2 MHz which can be important in noise sensitive applications.
7.3.4 Output Discharge
The LM2775 provides two different output discharge modes upon entering a shutdown state (EN pin = '0') after
running in the on state (EN = '1'). The first mode is high impendance mode (OUTDIS = '0'). In this mode, the
output remains high even when the EN pin is driven low. This enables use in applications where the LM2775
output might be tied to a system rail that has another power source connected (USBOTG). When OUTDIS = 0,
the output of the LM2775 draws a minimal current from the output supply (1.6 µA typical).
In Discharge Mode (OUTDIS pin = '1'), the LM2775 actively pulls down on the output of the device until the
output voltage reaches GND. In this mode, the current drawn from the output is approximately 450 µA.
7.3.5 Thermal Shutdown
The LM2775 implements a thermal shutdown mechanism to protect the device from damage due to overheating.
When the junction temperature rises to 150°C (typical), the part switches into shutdown mode. The LM2775
releases thermal shutdown when the junction temperature of the part is reduced to 130°C (typical).
Thermal shutdown is most often triggered by self-heating, which occurs when there is excessive power
dissipation in the device and/or insufficient thermal dissipation. LM2775 power dissipation increases with
increased output current and input voltage. When self-heating brings on thermal shutdown, thermal cycling is the
typical result. Thermal cycling is the repeating process where the part self-heats, enters thermal shutdown
(where internal power dissipation is practically zero), cools, turns on, and then heats up again to the thermal
shutdown threshold. Thermal cycling is recognized by a pulsing output voltage and can be stopped be reducing
the internal power dissipation (reduce input voltage and/or output current) or the ambient temperature. If thermal
cycling occurs under desired operating conditions, thermal dissipation performance must be improved to
accommodate the power dissipation of the LM2775. The WSON package is designed to have excellent thermal
properties that, when soldered to a PCB designed to aid thermal dissipation, allows the LM2775 to operate under
very demanding power dissipation conditions.
7.3.6 Undervoltage Lockout
The LM2775 has an internal comparator that monitors the voltage at VIN and forces the LM2775 into shutdown if
the input voltage drops to 2.4 V. If the input voltage rises above 2.6 V, the LM2775 resumes normal operation
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM2775


유사한 부품 번호 - LM2775DSGT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2775 TI1-LM2775 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
LM2775QDSGRQ1 TI1-LM2775QDSGRQ1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
LM2775QDSGTQ1 TI1-LM2775QDSGTQ1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
More results

유사한 설명 - LM2775DSGT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com