전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2776 데이터시트(PDF) 9 Page - Texas Instruments

부품명 LM2776
상세설명  LM2776 Switched Capacitor Inverter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2776 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM2776_15 Datasheet HTML 5Page - Texas Instruments LM2776_15 Datasheet HTML 6Page - Texas Instruments LM2776_15 Datasheet HTML 7Page - Texas Instruments LM2776_15 Datasheet HTML 8Page - Texas Instruments LM2776_15 Datasheet HTML 9Page - Texas Instruments LM2776_15 Datasheet HTML 10Page - Texas Instruments LM2776_15 Datasheet HTML 11Page - Texas Instruments LM2776_15 Datasheet HTML 12Page - Texas Instruments LM2776_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LM2776
EN
VIN
C1+
VOUT
GND
2 MHz
Osc.
Switch Array
Switch
Drivers
C1-
Current
Limit
Reference
LM2776
www.ti.com
SNVSA56 – MAY 2015
7 Detailed Description
7.1 Overview
The LM2776 CMOS charge-pump voltage converter inverts a positive voltage in the range of 2.7 V to 5.5 V to
the corresponding negative voltage of
−2.7 V to −5.5 V. The LM2776 uses three low-cost capacitors to provide
up to 200 mA of output current.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Input Current Limit
The LM2776 contains current limit circuitry that protects the device in the event of excessive input current and/or
output shorts to ground. The input current is limited to 400 mA (typical at VIN = 5.5 V) when the output is shorted
directly to ground. When the LM2776 is current limiting, power dissipation in the device is likely to be quite high.
In this event, thermal cycling should be expected.
7.3.2 PFM Operation
To minimize quiescent current during light load operation, the LM2776 allows PFM or pulse-skipping operation.
By allowing the charge pump to switch less when the output current is less than 40 mA, the quiescent current
drawn from the power source is minimized. The frequency of pulsed operation is not limited and can drop into the
sub-1-kHz range when unloaded. As the load increases, the frequency of pulsing increases until it transitions to
constant frequency. The fundamental switching frequency of the LM2776 is 2 MHz.
7.3.3 Output Discharge
In shutdown, the LM2776 will actively pull down on the output of the device until the output voltage reaches
GND. In this mode, the current drawn from the output is approximately 1.85 mA.
7.3.4 Thermal Shutdown
The LM2776 implements a thermal shutdown mechanism to protect the device from damage due to overheating.
When the junction temperature rises to 150°C (typical), the part switches into shutdown mode. The LM2776
releases thermal shutdown when the junction temperature of the part is reduced to 130°C (typical).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2776


유사한 부품 번호 - LM2776_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2776 TI1-LM2776_16 Datasheet
1Mb / 23P
[Old version datasheet]   Switched Capacitor Inverter
More results

유사한 설명 - LM2776_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2776 TI1-LM2776_16 Datasheet
1Mb / 23P
[Old version datasheet]   Switched Capacitor Inverter
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
   Switched-Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com