전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2830-Q1 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2830-Q1
상세설명  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2830-Q1 데이터시트(HTML) 2 Page - Texas Instruments

  LM2830-Q1 Datasheet HTML 1Page - Texas Instruments LM2830-Q1 Datasheet HTML 2Page - Texas Instruments LM2830-Q1 Datasheet HTML 3Page - Texas Instruments LM2830-Q1 Datasheet HTML 4Page - Texas Instruments LM2830-Q1 Datasheet HTML 5Page - Texas Instruments LM2830-Q1 Datasheet HTML 6Page - Texas Instruments LM2830-Q1 Datasheet HTML 7Page - Texas Instruments LM2830-Q1 Datasheet HTML 8Page - Texas Instruments LM2830-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
LM2830, LM2830-Q1
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 11
1
Features .................................................................. 1
8
Application and Implementation ........................ 12
2
Applications ........................................................... 1
8.1
Application Information............................................ 12
3
Description ............................................................. 1
8.2
Typical Applications ................................................ 12
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 24
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 24
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 24
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 24
6.2
ESD Ratings: LM2830 .............................................. 4
10.3
Thermal Considerations ........................................ 25
6.3
ESD Ratings: LM2830-Q1 ........................................ 4
10.4
WSON Package .................................................... 27
6.4
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 28
6.5
Thermal Information .................................................. 4
11.1
Device Support...................................................... 28
6.6
Electrical Characteristics........................................... 5
11.2
Related Links ........................................................ 28
6.7
Typical Characteristics .............................................. 6
11.3
Trademarks ........................................................... 28
7
Detailed Description .............................................. 9
11.4
Electrostatic Discharge Caution ............................ 28
7.1
Overview ................................................................... 9
11.5
Glossary ................................................................ 29
7.2
Functional Block Diagram ....................................... 10
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 10
Information ........................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (April 2013) to Revision E
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision C (April 2013) to Revision D
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 23
2
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM2830 LM2830-Q1


유사한 부품 번호 - LM2830-Q1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2830 TI-LM2830 Datasheet
1Mb / 33P
[Old version datasheet]   LM2830Z-Q1 and LM2830X-Q1 in the SOT-23 Package are Automotive Grade Products that are AEC-Q100 Grade 1 Qualified (-40째C to 125째C Operating Junction Temperature)
logo
National Semiconductor ...
LM2830X NSC-LM2830X Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2830XMF NSC-LM2830XMF Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2830XMFX NSC-LM2830XMFX Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
More results

유사한 설명 - LM2830-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com