전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3212 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM3212
상세설명  LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3212 데이터시트(HTML) 3 Page - Texas Instruments

  LM3212_15 Datasheet HTML 1Page - Texas Instruments LM3212_15 Datasheet HTML 2Page - Texas Instruments LM3212_15 Datasheet HTML 3Page - Texas Instruments LM3212_15 Datasheet HTML 4Page - Texas Instruments LM3212_15 Datasheet HTML 5Page - Texas Instruments LM3212_15 Datasheet HTML 6Page - Texas Instruments LM3212_15 Datasheet HTML 7Page - Texas Instruments LM3212_15 Datasheet HTML 8Page - Texas Instruments LM3212_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM3212
www.ti.com
SNOSB37C – DECEMBER 2008 – REVISED APRIL 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
VDD, PVIN to SGND
−0.2V to +6.0V
PGND to SGND
−0.2V to +0.2V
EN, FB, VCON, AUTO_BY
(SGND
−0.2V)
to (VDD +0.2V)
w/6.0V max
SW, ACB
(PGND
−0.2V)
to (PVIN +0.2V)
w/6.0V max
PVIN to VDD
−0.2V to +0.2V
Continuous Power Dissipation(4)
Internally Limited
Junction Temperature (TJ-MAX)
+150°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature
+260°C
(Soldering, 10 sec)
ESD Rating(5)(6)
Human Body Model
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins. The LM3212 is designed for mobile phone applications where turn-on after
power-up is controlled by the system controller and where requirements for a small package size overrule increased die size for internal
Under Voltage Lock-Out (UVLO) circuitry. Thus, it should be kept in shutdown by holding the EN pin low until the input voltage exceeds
2.7V.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 125°C (typ.).
(5)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7) The machine
model is a 200 pF capacitor discharged directly into each pin.
(6)
Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper ESD
handling procedures can result in damage.
OPERATING RATINGS
(1) (2)
Input Voltage Range
2.7V to 5.5V
Recommended Load Current
0A to 2.5A
Junction Temperature (TJ) Range
−30°C to +125°C
Ambient Temperature (TA) Range
(3)
−30°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins. The LM3212 is designed for mobile phone applications where turn-on after
power-up is controlled by the system controller and where requirements for a small package size overrule increased die size for internal
Under Voltage Lock-Out (UVLO) circuitry. Thus, it should be kept in shutdown by holding the EN pin low until the input voltage exceeds
2.7V.
(3)
In applications where high-power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be de-rated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX). At higher power levels duty
cycle usage is assumed to drop (i.e., max power 12.5% usage is assumed) for GS/GPRS mode.
THERMAL PROPERTIES
PARAMETER
UNIT
Junction-to-Ambient Thermal
50°C/W
Resistance (
θJA), YZR Package
(1)
(1)
Junction-to-ambient thermal resistance (
θJA) is taken from thermal modeling result, performed under the conditions and guidelines set
forth in the JEDEC standard JESD51-7.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3212


유사한 부품 번호 - LM3212_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
More results

유사한 설명 - LM3212_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3212 TI1-LM3212 Datasheet
160Kb / 6P
[Old version datasheet]   LM3212 PRODUCT BRIEF Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3203 TI1-LM3203 Datasheet
3Mb / 23P
[Old version datasheet]   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
logo
National Semiconductor ...
LM3203 NSC-LM3203 Datasheet
1Mb / 15P
   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3203 TI-LM3203_15 Datasheet
3Mb / 22P
[Old version datasheet]   LM3203 Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com