전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3242 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3242
상세설명  LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3242 데이터시트(HTML) 3 Page - Texas Instruments

  LM3242 Datasheet HTML 1Page - Texas Instruments LM3242 Datasheet HTML 2Page - Texas Instruments LM3242 Datasheet HTML 3Page - Texas Instruments LM3242 Datasheet HTML 4Page - Texas Instruments LM3242 Datasheet HTML 5Page - Texas Instruments LM3242 Datasheet HTML 6Page - Texas Instruments LM3242 Datasheet HTML 7Page - Texas Instruments LM3242 Datasheet HTML 8Page - Texas Instruments LM3242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
VCON
FB
NC
SGND
BPEN
EN
VIN
SW
PGND
VCON
FB
NC
SGND
BPEN
EN
VIN
SW
PGND
LM3242
www.ti.com
SNOSB48E – OCTOBER 2011 – REVISED AUGUST 2015
5 Pin Configuration and Functions
YFQ Package
9-Pin DSBGA
Top View (left); Bottom View (right)
Pin Functions
PIN
TYPE
DESCRIPTION
NUMBER
NAME
Voltage control analog input. VCON controls VOUT in PWM and ECO modes. VCON may also
A1
VCON
A/I
be used to force bypass condition by setting VCON > VIN/2.5.
A2
SGND
G
Signal ground for analog and control circuitry.
A3
PGND
G
Power ground for the power MOSFETs and gate drive circuitry
Enable Input. Set this digital input high for normal operation. For shutdown, set low. Do not
B1
EN
D/I
leave EN pin floating.
B2
NC
Do not connect to PGND directly — Internally connected to SGND.
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
B3
SW
P/O
Connect to an inductor with a saturation current rating that exceeds the maximum Switch Peak
Current Limit specification of the LM3242.
Bypass Enable input. Set this digital input high to force bypass operation. For normal operation
C1
BPEN
D/I
with automatic bypass, set low or connect to ground. Do not leave this pin floating.
Feedback analog input and bypass FET output. Connect to the output at the output filter
C2
FB
A
capacitor.
C3
VIN
P/I
Voltage supply input for SMPS converter.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3242


유사한 부품 번호 - LM3242

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3242 TI1-LM3242 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI1-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
LM3242TME/NOPB TI1-LM3242TME/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
LM3242TMX/NOPB TI1-LM3242TMX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
More results

유사한 설명 - LM3242

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3262 TI-LM3262_15 Datasheet
3Mb / 27P
[Old version datasheet]   LM3262 6MHz, 800 mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
   650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com