전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3668-Q1 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM3668-Q1
상세설명  1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3668-Q1 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM3668-Q1_15 Datasheet HTML 6Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 7Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 8Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 9Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 10Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 11Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 12Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 13Page - Texas Instruments LM3668-Q1_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
+
-
+
-
+
-
VOS
Vramp
P1b_PWM
P2b_PWM
Vcenter
Vc
PWM
Generator
LM3668-Q1
SNVSA84A – APRIL 2015 – REVISED MAY 2015
www.ti.com
7.4 Device Functional Modes
7.4.1 PWM Operation
In PWM operation, the output voltage is regulated by switching at a constant frequency and then modulating the
energy per cycle to control power to the load. In Normal operation, the internal error amplifier provides an error
signal, Vc, from the feedback voltage and Vref. The error amplifier signal, Vc, is compared with a voltage,
Vcenter, and used to generate the PWM signals for both buck & boost modes. Signal Vcenter is a DC signal
which sets the transition point of the buck and boost modes. Below are three regions of operation:
Region I: If Vc is less than Vcenter, Buck mode.
Region II: If Vc and Vcenter are equal, both PMOS switches (P1, P2) are on and both NMOS switches (N1,
N2) are off. The power passes directly from input to output via P1 & P2
Region III: If Vc is greater than Vcenter, Boost mode.
The Buck-Boost operation is avoided, to improve the efficiency across VIN and load range.
Figure 8. PWM Generator Block Diagram
7.4.2 PFM Operation
At very light loads, the converter enters PFM mode and operates with reduced switching frequency and supply
current to maintain high efficiency. The part automatically transitions into PFM mode when either of two following
conditions occur for a duration of 128 or more clock cycles:
A. The inductor current reaches zero.
B. The peak inductor current drops below the IMODE level, (Typically IMODE < 45 mA + VIN/80 Ω ).
In PFM operation, the compensation circuit in the error amplifier is turned off. The error amplifier works as a
hysteretic comparator. The PFM comparator senses the output voltage via the feedback pin and controls the
switching of the output FETs such that the output voltage ramps between ~0.8% and ~1.6% of the nominal PWM
output voltage (Figure 9). If the output voltage is below the ‘high’ PFM comparator threshold, the P1 & P2 (Buck
mode) or N2 & P1 (Boost mode) power switches are turned on. It remains on until the output voltage reaches the
‘high’ PFM threshold or the peak current exceeds the IPFM level set for PFM mode. The typical peak current in
PFM mode is: IPFM = 220 mA.
Once the P1 (Buck mode) or N2 (Boost mode) power switch is turned off, the N1 & P2 (Buck mode) or P1 & P2
(Boost mode) power switches are turned on until the inductor current ramps to zero. When the zero inductor
current condition is detected, the N1(Buck mode) or P2 (Boost mode) power switches are turned off. If the output
voltage is below the ‘high’ PFM comparator threshold, the P1 & P2 (Buck mode) or N2 & P1 (Boost mode)
switches are again turned on and the cycle is repeated until the output reaches the desired level. Once the
output reaches the ‘high’ PFM threshold, the N1 & P2 (Buck mode) or P1 & P2 (Boost mode) switches are turned
on briefly to ramp the inductor current to zero, then both output switches are turned off and the part enters an
extremely low power mode. Quiescent supply current during this ‘sleep’ mode is 45 µA (typical), which allows the
part to achieve high efficiency under extremely light load conditions.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM3668-Q1


유사한 부품 번호 - LM3668-Q1_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI1-LM3668 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 TI-LM3668 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
More results

유사한 설명 - LM3668-Q1_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
   1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
   2 A, high efficiency single inductor buck-boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com