전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3679 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM3679
상세설명  3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3679 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM3679_15 Datasheet HTML 7Page - Texas Instruments LM3679_15 Datasheet HTML 8Page - Texas Instruments LM3679_15 Datasheet HTML 9Page - Texas Instruments LM3679_15 Datasheet HTML 10Page - Texas Instruments LM3679_15 Datasheet HTML 11Page - Texas Instruments LM3679_15 Datasheet HTML 12Page - Texas Instruments LM3679_15 Datasheet HTML 13Page - Texas Instruments LM3679_15 Datasheet HTML 14Page - Texas Instruments LM3679_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
High PFM Threshold
~1.018*Vout
Low1 PFM Threshold
~1.002*Vout
PFM Mode at Light Load
PWM Mode at
Moderate to Heavy
Loads
Pfet on
until
Ipfm limit
reached
Nfet on
drains
conductor
current
until
I inductor=0
High PFM
Voltage
Threshold
reached,
go into
sleep mode
Low PFM
Threshold,
turn on
PFET
Current load
increases,
draws Vout
towards
Low2 PFM
Threshold
Low2 PFM Threshold,
switch back to PWMmode
Load current
increases
Low2 PFM Threshold
Vout
LM3679
www.ti.com
SNVS510A – SEPTEMBER 2007 – REVISED FEBRUARY 2008
During PFM operation, the converter positions the output voltage slightly higher than the nominal output voltage
during PWM operation allowing additional headroom for voltage drop during a load transient from light to heavy
load. The PFM comparators sense the output voltage via the feedback pin and control the switching of the output
FETs such that the output voltage ramps between ~0.2% and ~1.8% above the nominal PWM output voltage. If
the output voltage is below the ‘high’ PFM comparator threshold, the PMOS power switch is turned on. It remains
on until the output voltage reaches the ‘high’ PFM threshold or the peak current exceeds the IPFM level set for
PFM mode. The typical peak current in PFM mode is:
IPFM = 112mA + VIN/20Ω
(1)
Once the PMOS power switch is turned off, the NMOS power switch is turned on until the inductor current ramps
to zero. When the NMOS zero-current condition is detected, the NMOS power switch is turned off. If the output
voltage is below the ‘high’ PFM comparator threshold (see Figure 25), the PMOS switch is again turned on and
the cycle is repeated until the output reaches the desired level. Once the output reaches the ‘high’ PFM
threshold, the NMOS switch is turned on briefly to ramp the inductor current to zero and then both output
switches are turned off and the part enters an extremely low power mode. Quiescent supply current during this
‘sleep’ mode is 16µA (typ), which allows the part to achieve high efficiencies under extremely light load
conditions.
If the load current should increase during PFM mode (Figure 25) causing the output voltage to fall below the
‘low2’ PFM threshold, the part will automatically transition into fixed-frequency PWM mode. When VIN =2.5V the
part transitions from PWM to PFM mode at ~ 35mA output current and from PFM to PWM mode at ~ 95mA ,
when VIN=3.6V, PWM to PFM transition occurs at ~ 42mA and PFM to PWM transition occurs at ~ 115mA, when
VIN =4.5V, PWM to PFM transition occurs at ~ 60mA and PFM to PWM transition occurs at ~ 135mA.
Figure 25. Operation in PFM Mode and Transfer to PWM Mode
SHUTDOWN MODE
Setting the EN input pin low (<0.4V) places the LM3679 in shutdown mode. During shutdown the PFET switch,
NFET switch, reference, control and bias circuitry of the LM3679 are turned off. Setting EN high (>1.0V) enables
normal operation. It is recommended to set EN pin low to turn off the LM3679 during system power up and
undervoltage conditions when the supply is less than 2.5V. Do not leave the EN pin floating.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3679


유사한 부품 번호 - LM3679_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3679TL-1.8 NSC-LM3679TL-1.8 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679TLX-1.8 NSC-LM3679TLX-1.8 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679UR-1.2 NSC-LM3679UR-1.2 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679UR-1.5 NSC-LM3679UR-1.5 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679UR-1.8 NSC-LM3679UR-1.8 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
More results

유사한 설명 - LM3679_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3679 NSC-LM3679 Datasheet
3Mb / 16P
   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
logo
Texas Instruments
LM3679 TI1-LM3679 Datasheet
5Mb / 22P
[Old version datasheet]   3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
[Old version datasheet]   2MHz, 350mA Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
   3MHz, 1A STEP-DOWN DC-DC CONVERTER
logo
National Semiconductor ...
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com