전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM20124 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM20124
상세설명  4A, 1MHz PowerWise짰 Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM20124 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM20124_15 Datasheet HTML 6Page - Texas Instruments LM20124_15 Datasheet HTML 7Page - Texas Instruments LM20124_15 Datasheet HTML 8Page - Texas Instruments LM20124_15 Datasheet HTML 9Page - Texas Instruments LM20124_15 Datasheet HTML 10Page - Texas Instruments LM20124_15 Datasheet HTML 11Page - Texas Instruments LM20124_15 Datasheet HTML 12Page - Texas Instruments LM20124_15 Datasheet HTML 13Page - Texas Instruments LM20124_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LM20124, LM20124-Q1
SNVS507F – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
PEAK CURRENT MODE CONTROL
In most cases, the peak current mode control architecture used in the LM20124 only requires two external
components to achieve a stable design. The compensation can be selected to accommodate any capacitor type
or value. The external compensation also allows the user to set the crossover frequency and optimize the
transient performance of the device.
For duty cycles above 50% all current mode control buck converters require the addition of an artificial ramp to
avoid sub-harmonic oscillation. This artificial linear ramp is commonly referred to as slope compensation. What
makes the LM20124 unique is the amount of slope compensation will change depending on the output voltage.
When operating at high output voltages the device will have more slope compensation than when operating at
lower output voltages. This is accomplished in the LM20124 by using a non-linear parabolic ramp for the slope
compensation. The parabolic slope compensation of the LM20124 is much better than the traditional linear slope
compensation because it optimizes the stability of the device over the entire output voltage range.
CURRENT LIMIT
The precise current limit of the LM20124 is set at the factory to be within 10% over the entire operating
temperature range. This enables the device to operate with smaller inductors that have lower saturation currents.
When the peak inductor current reaches the current limit threshold, an over current event is triggered and the
internal high-side FET turns off and the low-side FET turns on allowing the inductor current to ramp down until
the next switching cycle. For each sequential over-current event, the reference voltage is decremented and PWM
pulses are skipped resulting in a current limit that does not aggressively fold back for brief over-current events,
while at the same time providing frequency and voltage foldback protection during hard short circuit conditions.
SOFT-START AND VOLTAGE TRACKING
The SS/TRK pin is a dual function pin that can be used to set the start up time or track an external voltage
source. The start up or Soft-Start time can be adjusted by connecting a capacitor from the SS/TRK pin to ground.
The Soft-Start feature allows the regulator output to gradually reach the steady state operating point, thus
reducing stresses on the input supply and controlling start up current. If no Soft-Start capacitor is used the device
defaults to the internal Soft-Start circuitry resulting in a start up time of approximately 1 ms. For applications that
require a monotonic start up or utilize the PGOOD pin, an external Soft-Start capacitor is recommended. The
SS/TRK pin can also be set to track an external voltage source. The tracking behavior can be adjusted by two
external resistors connected to the SS/TRK pin as shown in Figure 30 in the design guide.
PRE-BIAS START UP CAPABILITY
The LM20124 is in a pre-biased state when the device starts up with an output voltage greater than zero. This
often occurs in many multi-rail applications such as when powering an FPGA, ASIC, or DSP. In these
applications the output can be pre-biased through parasitic conduction paths from one supply rail to another.
Even though the LM20124 is a synchronous converter it will not pull the output low when a pre-bias condition
exists. During start up the LM20124 will not sink current until the Soft-Start voltage exceeds the voltage on the
FB pin. Since the device can not sink current it protects the load from damage that might otherwise occur if
current is conducted through the parasitic paths of the load.
POWER GOOD AND OVER VOLTAGE FAULT HANDLING
The LM20124 has built in under and over voltage comparators that control the power switches. Whenever there
is an excursion in output voltage above the set OVP threshold, the part will terminate the present on-pulse, turn-
on the low-side FET, and pull the PGOOD pin low. The low-side FET will remain on until either the FB voltage
falls back into regulation or the zero cross detection is triggered which in turn tri-states the FETs. If the output
reaches the UVP threshold the part will continue switching and the PGOOD pin will be asserted and go low.
Typical values for the PGOOD resistor are on the order of 100 k
Ω or less. To avoid false tripping during transient
glitches the PGOOD pin has 16 µs of built in deglitch time to both rising and falling edges.
UVLO
The LM20124 has a built-in under-voltage lockout protection circuit that keeps the device from switching until the
input voltage reaches 2.7V (typical). The UVLO threshold has 45 mV of hysteresis that keeps the device from
responding to power-on glitches during start up. If desired the turn-on point of the supply can be changed by
using the precision enable pin and a resistor divider network connected to VIN as shown in Figure 29 in the
design guide.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20124 LM20124-Q1


유사한 부품 번호 - LM20124_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM20124MH NSC-LM20124MH Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124MH NSC-LM20124MH Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124MHE NSC-LM20124MHE Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124MHE NSC-LM20124MHE Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124MHX NSC-LM20124MHX Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
More results

유사한 설명 - LM20124_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20154 NSC-LM20154 Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154 NSC-LM20154_08 Datasheet
723Kb / 22P
   4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20144 NSC-LM20144_08 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20144 TI1-LM20144_14 Datasheet
1Mb / 29P
[Old version datasheet]   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20134 NSC-LM20134 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134 NSC-LM20134_08 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20123 NSC-LM20123_08 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com