전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM21212-1 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM21212-1
상세설명  12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM21212-1 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM21212-1_15 Datasheet HTML 2Page - Texas Instruments LM21212-1_15 Datasheet HTML 3Page - Texas Instruments LM21212-1_15 Datasheet HTML 4Page - Texas Instruments LM21212-1_15 Datasheet HTML 5Page - Texas Instruments LM21212-1_15 Datasheet HTML 6Page - Texas Instruments LM21212-1_15 Datasheet HTML 7Page - Texas Instruments LM21212-1_15 Datasheet HTML 8Page - Texas Instruments LM21212-1_15 Datasheet HTML 9Page - Texas Instruments LM21212-1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
-40 -20
0
20
40
60
80 100 120
1.28
1.29
1.30
1.31
1.32
1.33
1.34
1.35
1.36
1.37
80
88
96
104
112
120
128
136
144
152
160
JUNCTION TEMPERATURE (°C)
V IHENR
V ENHYS
-40 -20
0
20
40
60
80 100 120
2.60
2.62
2.64
2.66
2.68
2.70
2.72
2.74
2.76
2.78
2.80
150
165
180
195
210
225
240
255
270
285
300
JUNCTION TEMPERATURE (°C)
V UVLO
V UVLOHYS
-40 -20
0
20 40 60 80 100 120
0.90
0.93
0.96
0.99
1.02
1.05
1.08
1.11
1.14
1.17
1.20
0.100
0.108
0.116
0.124
0.132
0.140
0.148
0.156
0.164
0.172
0.180
JUNCTION TEMPERATURE (°C)
IAVIN
IPVIN
-40 -20
0
20
40
60
80 100 120
0.598
0.599
0.600
0.601
0.602
JUNCTION TEMPERATURE (°C)
3.0
3.5
4.0
4.5
5.0
5.5
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
INPUT VOLTAGE (V)
IOUT = 0A
IOUT = 12A
3.0
3.5
4.0
4.5
5.0
5.5
1.0
1.1
1.2
1.3
1.4
1.5
INPUT VOLTAGE (V)
LM21212-1
SNVS671E – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: VVIN = 5V, VOUT = 1.2V, L= 0.56µH (1.8mΩ RDCR), CSS = 33nF, fSW = 1 MHz, TA = 25°C for
efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Line Regulation
Non-Switching IQTOTAL vs. VIN
Figure 6.
Figure 7.
Non-Switching IAVIN and IPVIN vs. Temperature
VFB vs. Temperature
Figure 8.
Figure 9.
Enable Threshold and Hysteresis vs. Temperature
UVLO Threshold and Hysteresis vs. Temperature
Figure 10.
Figure 11.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM21212-1


유사한 부품 번호 - LM21212-1_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM21212-1 NSC-LM21212-1 Datasheet
1Mb / 10P
   evaluation board provides a solution to examine the high efficiency
More results

유사한 설명 - LM21212-1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
[Old version datasheet]   15A High Efficiency Point of Load Synchronous Buck Regulator
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter.
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
Texas Instruments
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21215A TI1-LM21215A Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM21215A TI-LM21215A_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com