전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM22670 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM22670
상세설명  LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM22670 데이터시트(HTML) 1 Page - Texas Instruments

  LM22670_15 Datasheet HTML 1Page - Texas Instruments LM22670_15 Datasheet HTML 2Page - Texas Instruments LM22670_15 Datasheet HTML 3Page - Texas Instruments LM22670_15 Datasheet HTML 4Page - Texas Instruments LM22670_15 Datasheet HTML 5Page - Texas Instruments LM22670_15 Datasheet HTML 6Page - Texas Instruments LM22670_15 Datasheet HTML 7Page - Texas Instruments LM22670_15 Datasheet HTML 8Page - Texas Instruments LM22670_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM22670-ADJ
VIN
EN
SW
BOOT
FB
GND
VIN
VOUT
RT/SYNC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM22670, LM22670-Q1
SNVS584P – SEPTEMBER 2008 – REVISED NOVEMBER 2014
LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER®, Step-Down Voltage Regulator
with Features
1 Features
3 Description
The LM22670 switching regulator provides all of the
1
Wide Input Voltage Range: 4.5 V to 42 V
functions necessary to implement an efficient high
Internally Compensated Voltage Mode Control
voltage step-down (buck) regulator using a minimum
Stable with Low ESR Ceramic Capacitors
of external components. This easy to use regulator
incorporates a 42 V N-channel MOSFET switch
120 m
Ω N-channel MOSFET PFM Package
capable of providing up to 3 A of load current.
100 m
Ω N-channel MOSFET SO PowerPAD-8
Excellent line and load regulation along with high
Package
efficiency (> 90%) are featured. Voltage mode control
Output Voltage Options:
offers short minimum on-time, allowing the widest
-ADJ (Outputs as Low as 1.285 V)
ratio between input and output voltages. Internal loop
-5.0 (Output Fixed to 5 V)
compensation means that the user is free from the
tedious task of calculating the loop compensation
±1.5% Feedback Reference Accuracy
components. Fixed 5 V output and adjustable output
500 kHz Default Switching Frequency
voltage options are available. The default switching
Adjustable Switching Frequency and
frequency is set at 500 kHz allowing for small
Synchronization
external components and good transient response. In
addition, the frequency can be adjusted over a range
–40°C to 125°C Operating Junction Temperature
of 200 kHz to 1 MHz with a single external resistor.
Range
The internal oscillator can be synchronized to a
Precision Enable Pin
system clock or to the oscillator of another regulator.
Integrated Boot-Strap Diode
A precision enable input allows simplification of
regulator control and system power sequencing. In
Integrated Soft-Start
shutdown mode the regulator draws only 25 µA (typ).
Fully WEBENCH® enabled
Built in soft-start (500 µs, typ) saves external
LM22670-Q1 is an Automotive Grade Product
components. The LM22670 device also has built-in
that is AEC-Q100 Grade 1 Qualified (–40°C to
thermal shutdown, and current limiting to protect
+125°C Operating Junction Temperature)
against accidental overloads.
The
LM22670
device
is
a
member
of
Texas
2 Applications
Instruments'
SIMPLE
SWITCHER®
family.
The
SIMPLE SWITCHER® concept provides for an easy
Industrial Control
to use complete design using a minimum number of
Telecom and Datacom Systems
external components and the TI WEBENCH® design
Embedded Systems
tool. TI's WEBENCH® tool includes features such as
Conversions from Standard 24 V, 12 V and 5 V
external component calculation, electrical simulation,
thermal simulation, and build-It boards for easy
Input Rails
design-in.
Simplified Application Schematic
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
HSOP (8)
4.89 mm 3.90 mm
LM22670
LM22670-Q1
TO-263 (7)
10.16 mm x 9.85 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - LM22670_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM22670 TI1-LM22670_17 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
More results

유사한 설명 - LM22670_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22670 TI1-LM22670_17 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com