전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM22672-Q1 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM22672-Q1
상세설명  SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM22672-Q1 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM22672-Q1 Datasheet HTML 6Page - Texas Instruments LM22672-Q1 Datasheet HTML 7Page - Texas Instruments LM22672-Q1 Datasheet HTML 8Page - Texas Instruments LM22672-Q1 Datasheet HTML 9Page - Texas Instruments LM22672-Q1 Datasheet HTML 10Page - Texas Instruments LM22672-Q1 Datasheet HTML 11Page - Texas Instruments LM22672-Q1 Datasheet HTML 12Page - Texas Instruments LM22672-Q1 Datasheet HTML 13Page - Texas Instruments LM22672-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
3
SS
SS
T
26 10
C
´
×
:
LM22672, LM22672-Q1
SNVS588M – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
Feature Description (continued)
(3)
Soft-start is reset any time the part is shut down or a thermal overload event occurs.
7.3.3 Switching Frequency Adjustment and Synchronization
The LM22672 device will operate in three different modes, depending on the condition of the RT/SYNC pin. With
the RT/SYNC pin floating, the regulator will switch at the internally set frequency of 500 kHz (typ). With a resistor
in the range of 25 k
Ω to 200 kΩ, connected from RT/SYNC to ground, the internal switching frequency can be
adjusted from 1 MHz to 200 kHz. Figure 13 shows the typical curve for switching frequency versus the external
resistance connected to the RT/SYNC pin. The accuracy of the switching frequency, in this mode, is slightly
worse than that of the internal oscillator; about ±25% is to be expected. Finally, an external clock can be applied
to the RT/SYNC pin to allow the regulator to synchronize to a system clock or another LM22672. The mode is
set during start up of the regulator. When the LM22672 is enabled, or after VIN is applied, a weak pullup is
connected to the RT/SYNC pin and, after approximately 100 µs, the voltage on the pin is checked against a
threshold of about 0.8 V. With the RT/SYNC pin open, the voltage floats above this threshold, and the mode is
set to run with the internal clock. With a frequency set resistor present, an internal reference holds the pin
voltage at 0.8 V; thus, the resulting current sets the mode to allow the resistor to control the clock frequency. If
the external circuit forces the RT/SYNC pin to a voltage much greater or less than 0.8 V, the mode is set to allow
external synchronization. The mode is latched until either the EN or the input supply is cycled.
The choice of switching frequency is governed by several considerations. As an example, lower frequencies may
be desirable to reduce switching losses or improve duty cycle limits. Higher frequencies, or a specific frequency,
may be desirable to avoid problems with EMI or reduce the physical size of external components. The flexibility
of increasing the switching frequency above 500 kHz can also be used to operate outside a critical signal
frequency band for a given application. Keep in mind that the values of inductor and output capacitor cannot be
reduced dramatically by operating above 500 kHz. This is true because the design of the internal loop
compensation restricts the range of these components.
Frequency synchronization requires some care. First the external clock frequency must be greater than the
internal clock frequency, and less than 1 MHz. The maximum internal switching frequency is ensured in the
Electrical Characteristics table.
NOTE
The frequency adjust feature and the synchronization feature can not be used
simultaneously.
The synchronizing frequency must always be greater than the internal clock frequency. Secondly, the RT/SYNC
pin must see a valid high or low voltage, during start-up, in order for the regulator to go into the synchronizing
mode. Also, the amplitude of the synchronizing pulses must comport with VSYNC levels found in the Electrical
Characteristics table. The regulator will synchronize on the rising edge of the external clock. If the external clock
is lost during normal operation, the regulator will revert to the 500 kHz (typ) internal clock.
If the frequency synchronization feature is used, current limit foldback is not operational; see the Current Limit
section for details.
10
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM22672 LM22672-Q1


유사한 부품 번호 - LM22672-Q1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MR-5.0 NSC-LM22672MR-5.0 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MR-ADJ NSC-LM22672MR-ADJ Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MRE-5.0 NSC-LM22672MRE-5.0 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672MRE-ADJ NSC-LM22672MRE-ADJ Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results

유사한 설명 - LM22672-Q1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22678 TI-LM22678_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com