전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM26400Y 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LM26400Y
상세설명  LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM26400Y 데이터시트(HTML) 2 Page - Texas Instruments

  LM26400Y_15 Datasheet HTML 1Page - Texas Instruments LM26400Y_15 Datasheet HTML 2Page - Texas Instruments LM26400Y_15 Datasheet HTML 3Page - Texas Instruments LM26400Y_15 Datasheet HTML 4Page - Texas Instruments LM26400Y_15 Datasheet HTML 5Page - Texas Instruments LM26400Y_15 Datasheet HTML 6Page - Texas Instruments LM26400Y_15 Datasheet HTML 7Page - Texas Instruments LM26400Y_15 Datasheet HTML 8Page - Texas Instruments LM26400Y_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LM26400Y
SNVS457D – FEBRUARY 2007 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 15
8.1
Application Information............................................ 15
2
Applications ........................................................... 1
8.2
Typical Applications ............................................... 15
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 19
4
Revision History..................................................... 2
9.1
Low Input Voltage Considerations .......................... 19
5
Pin Configuration and Functions ......................... 3
9.2
Programming Output Voltage ................................. 19
6
Specifications......................................................... 4
10
Layout................................................................... 20
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 20
6.2
ESD Ratings.............................................................. 4
10.2
Layout Example .................................................... 24
6.3
Recommended Operating Conditions ....................... 4
10.3
Thermal Considerations ........................................ 24
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 26
6.5
Electrical Characteristics........................................... 5
11.1
Device Support...................................................... 26
6.6
Typical Characteristics .............................................. 6
11.2
Community Resources.......................................... 26
7
Detailed Description ............................................ 10
11.3
Trademarks ........................................................... 26
7.1
Overview ................................................................. 10
11.4
Electrostatic Discharge Caution ............................ 26
7.2
Functional Block Diagram ....................................... 10
11.5
Glossary ................................................................ 26
7.3
Feature Description................................................. 10
12
Mechanical, Packaging, and Orderable
7.4
Device Functional Modes........................................ 13
Information ........................................................... 26
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (April 2013) to Revision D
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision B (April 2013) to Revision C
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 18
2
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM26400Y


유사한 부품 번호 - LM26400Y_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM26400Y TI1-LM26400Y_14 Datasheet
6Mb / 32P
[Old version datasheet]   Dual 2A, 500kHz Wide Input Range Buck Regulator
More results

유사한 설명 - LM26400Y_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM26400Y_0708 NSC-LM26400Y_0708 Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400Y TI1-LM26400Y_14 Datasheet
6Mb / 32P
[Old version datasheet]   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Sipex Corporation
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Sipex Corporation
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
   Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com