전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM34917A 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LM34917A
상세설명  Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM34917A 데이터시트(HTML) 2 Page - Texas Instruments

  LM34917A_15 Datasheet HTML 1Page - Texas Instruments LM34917A_15 Datasheet HTML 2Page - Texas Instruments LM34917A_15 Datasheet HTML 3Page - Texas Instruments LM34917A_15 Datasheet HTML 4Page - Texas Instruments LM34917A_15 Datasheet HTML 5Page - Texas Instruments LM34917A_15 Datasheet HTML 6Page - Texas Instruments LM34917A_15 Datasheet HTML 7Page - Texas Instruments LM34917A_15 Datasheet HTML 8Page - Texas Instruments LM34917A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
D3
D2
D1
C3
C2
C1
B3
B2
B1
A3
A2
A1
SW
VIN
RON
RTN
BST
VCC
SS
FB
SW
VIN
ISEN
SGND
D1
D2
D3
C1
C2
C3
B1
B2
B3
A1
A2
A3
LM34917A
SNOSAX7D – DECEMBER 2007 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. Bump Side
Figure 2. Top View
Package Number YZR0012UNA
Package Number YZR0012UNA
PIN DESCRIPTIONS
Pin Number
Name
Description
Application Information
A1
SGND
Sense Ground
Re-circulating current flows into this pin to the current sense
resistor.
A2
RTN
Circuit Ground
Ground for all internal circuitry other than the current limit
detection.
A3
FB
Feedback input from the regulated
Internally connected to the regulation and over-voltage
output
comparators. The regulation level is 2.5V.
B1
ISEN
Current sense
The re-circulating current flows out of this pin to the free-
wheeling diode.
B2
RON/SD
On-time control and shutdown
An external resistor from VIN to this pin sets the buck switch
on-time. Grounding this pin shuts down the regulator.
B3
SS
Softstart
An internal current source charges an external capacitor to
2.5V, providing the softstart function.
C1,C2
VIN
Input supply voltage
Operating input range is 8.0V to 33V, with over-voltage
shutdown internally set at
≊35V. Transient capability is 50V.
C3
VCC
Output from the startup regulator
Nominally regulated at 7.0V. Connect a 0.1 µF capacitor from
this pin to RTN. An external voltage (8V to 14V) can be
applied to this pin to reduce internal dissipation. An internal
diode connects VCC to VIN.
D1,D2
SW
Switching Node
Internally connected to the buck switch source. Connect to
the inductor, diode, and bootstrap capacitor.
D3
BST
Boost pin for bootstrap capacitor
Connect a 0.022 µF capacitor from SW to this pin. The
capacitor is charged each off-time via an internal diode.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM34917A


유사한 부품 번호 - LM34917A_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results

유사한 설명 - LM34917A_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI-LM34914_15 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI1-LM34914_14 Datasheet
838Kb / 21P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
LM34930 TI1-LM34930 Datasheet
1Mb / 24P
[Old version datasheet]   1A Constant On-Time Buck Switching Regulator with Intelligent Current
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com