전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL497AIJ 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TL497AIJ
상세설명  500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL497AIJ 데이터시트(HTML) 2 Page - Texas Instruments

  TL497AIJ Datasheet HTML 1Page - Texas Instruments TL497AIJ Datasheet HTML 2Page - Texas Instruments TL497AIJ Datasheet HTML 3Page - Texas Instruments TL497AIJ Datasheet HTML 4Page - Texas Instruments TL497AIJ Datasheet HTML 5Page - Texas Instruments TL497AIJ Datasheet HTML 6Page - Texas Instruments TL497AIJ Datasheet HTML 7Page - Texas Instruments TL497AIJ Datasheet HTML 8Page - Texas Instruments TL497AIJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TL497A
500mA PEAK STEPUP, STEPDOWN, INVERTING SWITCHING VOLTAGE REGULATOR
SLVS009F − JUNE 1976 − REVISED FEBRUARY 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
SMALL-OUTLINE
(D)
PLASTIC DIP
(N)
SHRINK
SMALL-OUTLINE
(PW)
CHIP
FORM
(Y)
0
°C to 70°C
TL497ACD
TL497ACN
TL497ACPW
TL497AY
−40
°C to 85°C
TL497AID
TL497AIN
The D and PW packages are only taped and reeled. Add the suffix R to the device type (e.g.,
TL497ACPWR). Chip forms are tested at 25
°C.
functional block diagram
BASE†
11
12
BASE DRIVE†
CUR LIM SENS
FREQ CONTROL
INHIBIT
SUBSTRATE
COMP INPUT
CATHODE
Current
Limit
Sense
13
3
2
1
4
6
1.2-V
Reference
10
8
7
COL OUT
EMIT OUT
ANODE
Oscillator
† BASE and BASE DRIVE are used for device testing only. They normally are not used in circuit applications of the device.


유사한 부품 번호 - TL497AIJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL497AIJ TI-TL497AIJ Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com