전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA12AG-8-CW-TF3-T 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 BTA12AG-8-CW-TF3-T
상세설명  12A TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTA12AG-8-CW-TF3-T 데이터시트(HTML) 1 Page - Unisonic Technologies

  BTA12AG-8-CW-TF3-T Datasheet HTML 1Page - Unisonic Technologies BTA12AG-8-CW-TF3-T Datasheet HTML 2Page - Unisonic Technologies BTA12AG-8-CW-TF3-T Datasheet HTML 3Page - Unisonic Technologies BTA12AG-8-CW-TF3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BTA12A
Preliminary
TRIAC
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R401-053.D
12A TRIACS
DESCRIPTION
The UTC BTA12A is a 12A triacs which can be operated in 3
quadrants only, it uses UTC’s advanced technology to provide
customers with high commutation performances, etc.
The UTC BTA12A is suitable for inductive load switching operations,
also can be used in ON/OFF function applications such as induction
motor starting circuits, heating regulation, static relays etc.
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
BTA12AL-x-xx-TF3-T
BTA12AG-x-xx-TF3-T
TO-220F
MT1 MT2
G
Tube
BTA12AL-x-xx-TF1-T
BTA12AG-x-xx-TF1-T
TO-220F1
MT1 MT2
G
Tube
SENSITIVITY AND TYPE
VOLTAGE
PART NUMBER
600V
800V
SENSITIVITY
TYPE
BW
50mA
SNUBBERLESS
CW
35mA
SNUBBERLESS
SW
10mA
LOGIC LEVEL
TW
5mA
LOGIC LEVEL
: Available
MARKING


유사한 부품 번호 - BTA12AG-8-CW-TF3-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BTA12AG-8-CW-TF3-T UTC-BTA12AG-8-CW-TF3-T Datasheet
171Kb / 4P
   12A TRIACS
More results

유사한 설명 - BTA12AG-8-CW-TF3-T

제조업체부품명데이터시트상세설명
logo
JIEJIE MICROELECTRONICS...
JST12FH JIEJIE-JST12FH Datasheet
493Kb / 4P
   12A TRIACs
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
94Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
   12A TRIACS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com