전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB06 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 BTB06
상세설명  6A TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB06 데이터시트(HTML) 1 Page - Unisonic Technologies

  BTB06_15 Datasheet HTML 1Page - Unisonic Technologies BTB06_15 Datasheet HTML 2Page - Unisonic Technologies BTB06_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BTB06
Preliminary
TRIAC
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R401-040.c
6A TRIACS
DESCRIPTION
The UTC BTB06 is a 6A triacs which can be operated in 4
quadrants, it uses UTC’s advanced technology to provide customers
with high commutation performances.
The UTC BTB06 is suitable for AC switching application and
phase control application such as fan speed and temperature
modulation control, lighting control and static switching relay, either in
through-hole or surface-mount packages.
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BTB06L-x-x-TA3-T
BTB06G-x-x-TA3-T
TO-220
MT1 MT2
G
Tube
SENSITIVITY AND TYPE
PART NUMBER
VOLTAGE
SENSITIVITY
TYPE
600V
800V
B
50mA
STANDARD
C
25mA
STANDARD
: Available
MARKING


유사한 부품 번호 - BTB06_15

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTB06-400B STMICROELECTRONICS-BTB06-400B Datasheet
64Kb / 5P
   STANDARD TRIACS
BTB06-400C STMICROELECTRONICS-BTB06-400C Datasheet
64Kb / 5P
   STANDARD TRIACS
logo
Apollo Electron Co., Lt...
BTB06-600 APOLLOELECTRON-BTB06-600 Datasheet
3Mb / 6P
   Standard Triac
logo
Inchange Semiconductor ...
BTB06-600A ISC-BTB06-600A Datasheet
116Kb / 1P
   With TO-220AB non insulated package
logo
STMicroelectronics
BTB06-600B STMICROELECTRONICS-BTB06-600B Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
More results

유사한 설명 - BTB06_15

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
   6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
   6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
   6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
   6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06A UTC-BTB06A Datasheet
162Kb / 4P
   6A TRIACS
BTA06 UTC-BTA06 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
   6A TRIACS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com