전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCR8PML-TF3-T 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 UCR8PML-TF3-T
상세설명  8A TRIAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCR8PML-TF3-T 데이터시트(HTML) 1 Page - Unisonic Technologies

  UCR8PML-TF3-T Datasheet HTML 1Page - Unisonic Technologies UCR8PML-TF3-T Datasheet HTML 2Page - Unisonic Technologies UCR8PML-TF3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCR8PM
Preliminary
TRIAC
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R220-021.a
8A TRIAC
DESCRIPTION
The UTC UCR8PM is an 8A standard triac.
The UTC UCR8PM is suitable for use in inversion operation of
capacitor motor, washing machine and other general controlling
devices.
FEATURES
* IT(RMS): 8A
* VDRM: 700V
* IFGTI, IRGTI, IRGTⅢ: 30mA
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UCR8PML-TF3-T
UCR8PMG-TF3-T
TO-220F
MT1 MT2
G
Tube
Note: Pin Assignment: MT1: MT1
MT2: MT2
G: Gate
UCR8PMG-TF3-T
(1)Packing Type
(2)Package Type
(1) T: Tube
(2) TF3: TO-220F
(3) L: Lead Free, G: Halogen Free and Lead Free
(3)Green Package
MARKING


유사한 부품 번호 - UCR8PML-TF3-T

제조업체부품명데이터시트상세설명
logo
Rohm
UCR ROHM-UCR Datasheet
550Kb / 8P
   Thick film low ohmic chip resistors for current detection
UCR01 ROHM-UCR01 Datasheet
147Kb / 4P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR01MVPFLFL ROHM-UCR01MVPFLFL Datasheet
147Kb / 4P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR01MVPFLFS ROHM-UCR01MVPFLFS Datasheet
147Kb / 4P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR01MVPFLJL ROHM-UCR01MVPFLJL Datasheet
147Kb / 4P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
More results

유사한 설명 - UCR8PML-TF3-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
BCR8FM-14LB RENESAS-BCR8FM-14LB_17 Datasheet
823Kb / 9P
   700V - 8A - Triac
logo
Hi-Sincerity Mocroelect...
HST08 HSMC-HST08 Datasheet
130Kb / 4P
   TRIAC 600V,8A
logo
NEC
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
   8A MOLD TRIAC
logo
SemiHow Co.,Ltd.
HTX8-600 SEMIHOW-HTX8-600 Datasheet
267Kb / 6P
   600V 8A TRIAC
logo
Renesas Technology Corp
BCR8LM-12LA RENESAS-BCR8LM-12LA Datasheet
138Kb / 7P
   600V - 8A - Triac
BCR8FM-16LB RENESAS-BCR8FM-16LB Datasheet
792Kb / 8P
   800V - 8A - Triac
logo
STMicroelectronics
T820W STMICROELECTRONICS-T820W_04 Datasheet
63Kb / 5P
   8A SNUBBERLESSTM TRIAC
logo
Renesas Technology Corp
BCR8FM-20LA RENESAS-BCR8FM-20LA Datasheet
779Kb / 8P
   1000V - 8A - Triac
logo
Sanken electric
TM841M-L SANKEN-TM841M-L Datasheet
58Kb / 2P
   TO-220 8A Triac
TM841S-L SANKEN-TM841S-L Datasheet
59Kb / 2P
   TO-220F 8A Triac
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com