전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6562CDQ 데이터시트(PDF) 8 Page - Vishay Telefunken

부품명 SI6562CDQ
상세설명  N- and P-Channel 20-V (D-S) MOSFETs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI6562CDQ 데이터시트(HTML) 8 Page - Vishay Telefunken

Back Button SI6562CDQ Datasheet HTML 4Page - Vishay Telefunken SI6562CDQ Datasheet HTML 5Page - Vishay Telefunken SI6562CDQ Datasheet HTML 6Page - Vishay Telefunken SI6562CDQ Datasheet HTML 7Page - Vishay Telefunken SI6562CDQ Datasheet HTML 8Page - Vishay Telefunken SI6562CDQ Datasheet HTML 9Page - Vishay Telefunken SI6562CDQ Datasheet HTML 10Page - Vishay Telefunken SI6562CDQ Datasheet HTML 11Page - Vishay Telefunken SI6562CDQ Datasheet HTML 12Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.vishay.com
8
Document Number: 68954
S-82575-Rev. A, 27-Oct-08
Vishay Siliconix
Si6562CDQ
New Product
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS =5thru 3 V
VGS =1.5 V
VGS =2 V
VGS =2.5 V
VDS - Drain-to-Source Voltage (V)
0.00
0.02
0.04
0.06
0.08
0.10
0
5
10
15
20
25
30
VGS =4.5 V
VGS =2.5 V
ID - Drain Current (A)
0
2
4
6
8
10
0
7
14
21
28
35
VDS =16 V
ID =5.1 A
VDS =10 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
300
600
900
1200
1500
024
6
8
10
12
14
16
18
20
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
- 50
- 25
0
25
50
75
100
125
150
VGS =4.5 V,2.5 V
ID =5.1 A
TJ -Junction Temperature (°C)


유사한 부품 번호 - SI6562CDQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6562CDQ VISHAY-SI6562CDQ Datasheet
247Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
Rev. A, 27-Oct-08
SI6562CDQ VISHAY-SI6562CDQ Datasheet
253Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SI6562CDQ-T1-GE3 VISHAY-SI6562CDQ-T1-GE3 Datasheet
247Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
Rev. A, 27-Oct-08
SI6562CDQ VISHAY-SI6562CDQ_V01 Datasheet
253Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
01-Jan-2022
More results

유사한 설명 - SI6562CDQ

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
VBA5213 VBSEMI-VBA5213 Datasheet
611Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFETs
logo
Vishay Siliconix
SI6562CDQ VISHAY-SI6562CDQ Datasheet
247Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
Rev. A, 27-Oct-08
logo
VBsemi Electronics Co.,...
VBA5206 VBSEMI-VBA5206 Datasheet
958Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFETs
logo
Vishay Siliconix
SI6562CDQ VISHAY-SI6562CDQ_V01 Datasheet
253Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SIA778DJ VISHAY-SIA778DJ Datasheet
158Kb / 12P
   N-Channel 12 V and 20 V (D-S) MOSFETs
Rev. A, 11-Jan-10
TN0200T VISHAY-TN0200T Datasheet
66Kb / 4P
   N-Channel 20-V (D-S) MOSFETs
Rev. F, 23-Feb-04
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SIZ710DT VISHAY-SIZ710DT Datasheet
175Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. A, 04-Oct-10
SIZ710DT VISHAY-SIZ710DT_12 Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
logo
Vishay Telefunken
SIZ710DT TFUNK-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com