전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX52 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 BCX52
상세설명  For AF driver and output stages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX52 데이터시트(HTML) 1 Page - Infineon Technologies AG

  BCX52 Datasheet HTML 1Page - Infineon Technologies AG BCX52 Datasheet HTML 2Page - Infineon Technologies AG BCX52 Datasheet HTML 3Page - Infineon Technologies AG BCX52 Datasheet HTML 4Page - Infineon Technologies AG BCX52 Datasheet HTML 5Page - Infineon Technologies AG BCX52 Datasheet HTML 6Page - Infineon Technologies AG BCX52 Datasheet HTML 7Page - Infineon Technologies AG BCX52 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2011-07-29
1
BCX51...-BCX53...
1
2
2
3
PNP Silicon AF Transistors
For AF driver and output stages
• High collector current
• Low collector-emitter saturation voltage
• Complementary types: BCX54...BCX56 (NPN)
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
Type
Marking
Pin Configuration
Package
BCX51
BCX51-16
BCX52
BCX52-16
BCX53
BCX53-10
BCX53-16
AA
AD
AE
AM
AH
AK
AL
1=B
1=B
1=B
1=B
1=B
1=B
1=B
2=C
2=C
2=C
2=C
2=C
2=C
2=C
3=E
3=E
3=E
3=E
3=E
3=E
3=E
SOT89
SOT89
SOT89
SOT89
SOT89
SOT89
SOT89


유사한 부품 번호 - BCX52

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCX52 PHILIPS-BCX52 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Central Semiconductor C...
BCX52 CENTRAL-BCX52 Datasheet
290Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Jiangsu Changjiang Elec...
BCX52 JIANGSU-BCX52 Datasheet
1Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCX52 SIEMENS-BCX52 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
NXP Semiconductors
BCX52 NXP-BCX52 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
More results

유사한 설명 - BCX52

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
First Silicon Co., Ltd
BCP55 FS-BCP55 Datasheet
533Kb / 5P
   For AF driver and output stages
logo
Infineon Technologies A...
BCP56-16E6327 INFINEON-BCP56-16E6327 Datasheet
827Kb / 7P
   For AF driver and output stages
2011-10-13
logo
Fairchild Semiconductor
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
BC847B-E6327 INFINEON-BC847B-E6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
logo
Siemens Semiconductor G...
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com