전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2336DS 데이터시트(PDF) 2 Page - Vishay Telefunken

부품명 SI2336DS
상세설명  N-Channel 30 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI2336DS 데이터시트(HTML) 2 Page - Vishay Telefunken

  SI2336DS Datasheet HTML 1Page - Vishay Telefunken SI2336DS Datasheet HTML 2Page - Vishay Telefunken SI2336DS Datasheet HTML 3Page - Vishay Telefunken SI2336DS Datasheet HTML 4Page - Vishay Telefunken SI2336DS Datasheet HTML 5Page - Vishay Telefunken SI2336DS Datasheet HTML 6Page - Vishay Telefunken SI2336DS Datasheet HTML 7Page - Vishay Telefunken SI2336DS Datasheet HTML 8Page - Vishay Telefunken SI2336DS Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Vishay Siliconix
Si2336DS
www.vishay.com
2
Document Number: 71978
S13-0630-Rev. B, 25-Mar-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
31
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 2.7
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
0.4
1
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
10
A
Drain-Source On-State Resistancea
RDS(on)
VGS 4.5 V, ID = 3.8 A
0.034
0.042
VGS 2.5 V, ID = 3.6 A
0.038
0.046
VGS 1.8 V, ID = 2 A
0.041
0.052
Forward Transconductancea
gfs
VDS = 15 V, ID = 3.8 A
30
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
560
pF
Output Capacitance
Coss
60
Reverse Transfer Capacitance
Crss
27
Total Gate Charge
Qg
VDS = 15 V, VGS = 8 V, ID = 3.4 A
10
15
nC
VDS = 15 V, VGS = 4.5 V, ID = 3.4 A
5.7
8.6
Gate-Source Charge
Qgs
0.85
Gate-Drain Charge
Qgd
0.75
Gate Resistance
Rg
f = 1 MHz
0.6
3
6
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 4.3 
ID  3.5 A, VGEN = 4.5 V, Rg = 1 
612
ns
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
20
40
Fall Time
tf
10
20
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 4.3 
ID  3.5 A, VGEN = 8 V, Rg = 1 
510
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
17
30
Fall Time
tf
10
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
1.5
A
Pulse Diode Forward Current
ISM
20
Body Diode Voltage
VSD
IS = 3.5 A, VGS 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 3.5 A, dI/dt = 100 A/µs, TJ = 25 °C
15
30
ns
Body Diode Reverse Recovery Charge
Qrr
612
nC
Reverse Recovery Fall Time
ta
8
ns
Reverse Recovery Rise Time
tb
7


유사한 부품 번호 - SI2336DS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2336DS VISHAY-SI2336DS Datasheet
206Kb / 10P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI2336DS VISHAY-SI2336DS Datasheet
179Kb / 9P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI2336DS-T1-GE3 VBSEMI-SI2336DS-T1-GE3 Datasheet
802Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI2336DS VISHAY-SI2336DS_V01 Datasheet
179Kb / 9P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI2336DS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com