전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4116DY 데이터시트(PDF) 5 Page - Vishay Telefunken

부품명 SI4116DY
상세설명  N-Channel 25-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4116DY 데이터시트(HTML) 5 Page - Vishay Telefunken

  SI4116DY Datasheet HTML 1Page - Vishay Telefunken SI4116DY Datasheet HTML 2Page - Vishay Telefunken SI4116DY Datasheet HTML 3Page - Vishay Telefunken SI4116DY Datasheet HTML 4Page - Vishay Telefunken SI4116DY Datasheet HTML 5Page - Vishay Telefunken SI4116DY Datasheet HTML 6Page - Vishay Telefunken SI4116DY Datasheet HTML 7Page - Vishay Telefunken SI4116DY Datasheet HTML 8Page - Vishay Telefunken SI4116DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 69837
S-83046-Rev. C, 22-Dec-08
www.vishay.com
5
Vishay Siliconix
Si4116DY
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
4
8
12
16
20
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Foot
0.0
1.2
2.4
3.6
4.8
6.0
0
255075
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Ambient
0
0.32
0.64
0.96
1.28
1.60
0
25
50
75
100
125
150
TA -Ambient Temperature (°C)


유사한 부품 번호 - SI4116DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4116DY VISHAY-SI4116DY Datasheet
274Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 22-Dec-08
SI4116DY-T1-E3 VISHAY-SI4116DY-T1-E3 Datasheet
274Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 22-Dec-08
SI4116DY-T1-E3 VISHAY-SI4116DY-T1-E3 Datasheet
230Kb / 9P
   N-Channel 25 V (D-S) MOSFET
01-Jan-2022
SI4116DY-T1-GE3 VISHAY-SI4116DY-T1-GE3 Datasheet
274Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 22-Dec-08
logo
VBsemi Electronics Co.,...
SI4116DY-T1-GE3 VBSEMI-SI4116DY-T1-GE3 Datasheet
1,007Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - SI4116DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 31-Mar-08
SUD50N025-06P VISHAY-SUD50N025-06P Datasheet
108Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 09-May-05
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 04-Apr-11
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 04-Oct-04
SI4630DY VISHAY-SI4630DY_17 Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SIDR140DP VISHAY-SIDR140DP Datasheet
194Kb / 8P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 27-Nov-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com