전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4670DY 데이터시트(PDF) 11 Page - Vishay Telefunken

부품명 SI4670DY
상세설명  Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4670DY 데이터시트(HTML) 11 Page - Vishay Telefunken

Back Button SI4670DY Datasheet HTML 7Page - Vishay Telefunken SI4670DY Datasheet HTML 8Page - Vishay Telefunken SI4670DY Datasheet HTML 9Page - Vishay Telefunken SI4670DY Datasheet HTML 10Page - Vishay Telefunken SI4670DY Datasheet HTML 11Page - Vishay Telefunken SI4670DY Datasheet HTML 12Page - Vishay Telefunken SI4670DY Datasheet HTML 13Page - Vishay Telefunken SI4670DY Datasheet HTML 14Page - Vishay Telefunken SI4670DY Datasheet HTML 15Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Document Number: 69595
S09-2109-Rev. C, 12-Oct-09
www.vishay.com
11
Vishay Siliconix
Si4670DY
CHANNEL-2 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?69595.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
0.2
0.1
0.05
0.02
Square Wave Pulse Duration (s)
1
0.1
0.01
Single Pulse
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 90 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
0
1
1
10-1
10-4
0.2
0.1
0.05
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1
0.1
0.01
0.02
Single Pulse


유사한 부품 번호 - SI4670DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4670DY VISHAY-SI4670DY Datasheet
277Kb / 15P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
Rev. C, 12-Oct-09
SI4670DY VISHAY-SI4670DY Datasheet
209Kb / 14P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4670DY-T1-E3 VISHAY-SI4670DY-T1-E3 Datasheet
277Kb / 15P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
Rev. C, 12-Oct-09
SI4670DY-T1-GE3 VISHAY-SI4670DY-T1-GE3 Datasheet
277Kb / 15P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
Rev. C, 12-Oct-09
SI4670DY_RC VISHAY-SI4670DY_RC Datasheet
130Kb / 4P
   R-C Thermal Model Parameters
Revision: 02-Oct-07
More results

유사한 설명 - SI4670DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4670DY VISHAY-SI4670DY_V01 Datasheet
209Kb / 14P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZF914DT VISHAY-SIZF914DT Datasheet
330Kb / 12P
   Dual N-Channel 25 V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4670DY VISHAY-SI4670DY Datasheet
277Kb / 15P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
Rev. C, 12-Oct-09
SIRC16DP VISHAY-SIRC16DP Datasheet
197Kb / 7P
   N-Channel 25 V (D-S) MOSFET with Schottky Diode
Rev. B, 05-Sep-16
SIRC16DP VISHAY-SIRC16DP_V01 Datasheet
253Kb / 9P
   N-Channel 25 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com