전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIZ710DT 데이터시트(PDF) 4 Page - Vishay Telefunken

부품명 SIZ710DT
상세설명  N-Channel 20 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIZ710DT 데이터시트(HTML) 4 Page - Vishay Telefunken

  SIZ710DT Datasheet HTML 1Page - Vishay Telefunken SIZ710DT Datasheet HTML 2Page - Vishay Telefunken SIZ710DT Datasheet HTML 3Page - Vishay Telefunken SIZ710DT Datasheet HTML 4Page - Vishay Telefunken SIZ710DT Datasheet HTML 5Page - Vishay Telefunken SIZ710DT Datasheet HTML 6Page - Vishay Telefunken SIZ710DT Datasheet HTML 7Page - Vishay Telefunken SIZ710DT Datasheet HTML 8Page - Vishay Telefunken SIZ710DT Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number: 65733
S11-2379-Rev. B, 28-Nov-11
Vishay Siliconix
SiZ710DT
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHANNEL-1 TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
10
20
30
40
50
60
70
0.0
0.5
1.0
1.5
2.0
VGS = 10 V thru 4 V
VGS =3V
VGS =2V
VDS - Drain-to-Source Voltage (V)
0.000
0.002
0.004
0.006
0.008
0.010
0.012
0
1020
3040
5060
70
VGS =4.5 V
VGS =10V
ID - Drain Current (A)
0
2
4
6
8
10
03
6
9
12
15
VDS =16V
ID =16A
VDS =5V
VDS =10V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
200
400
600
800
1000
1200
0
5
10
15
20
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
ID =19A
VGS =10V, VGS =4.5 V
TJ - Junction Temperature (°C)


유사한 부품 번호 - SIZ710DT

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIZ710DT VISHAY-SIZ710DT Datasheet
175Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. A, 04-Oct-10
SIZ710DT VISHAY-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ710DT VISHAY-SIZ710DT Datasheet
195Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
SIZ710DT-T1-GE3 VISHAY-SIZ710DT-T1-GE3 Datasheet
175Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. A, 04-Oct-10
SIZ710DT VISHAY-SIZ710DT_12 Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
More results

유사한 설명 - SIZ710DT

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TN0200T VISHAY-TN0200T Datasheet
66Kb / 4P
   N-Channel 20-V (D-S) MOSFETs
Rev. F, 23-Feb-04
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SIZ710DT VISHAY-SIZ710DT Datasheet
175Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. A, 04-Oct-10
SIZ710DT VISHAY-SIZ710DT_12 Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ700DT VISHAY-SIZ700DT_V01 Datasheet
213Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
08-Feb-17
SIUD402ED VISHAY-SIUD402ED Datasheet
223Kb / 9P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
TN0200K VISHAY-TN0200K_07 Datasheet
97Kb / 5P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 18-Jun-07
SIZ700DT-T1-GE3 VISHAY-SIZ700DT-T1-GE3 Datasheet
208Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ720DT VISHAY-SIZ720DT Datasheet
194Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ710DT VISHAY-SIZ710DT_V01 Datasheet
195Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com