전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT62-03W 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 BAT62-03W
상세설명  Low barrier diode for detectors up to GHz frequencies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT62-03W 데이터시트(HTML) 4 Page - Infineon Technologies AG

  BAT62-03W Datasheet HTML 1Page - Infineon Technologies AG BAT62-03W Datasheet HTML 2Page - Infineon Technologies AG BAT62-03W Datasheet HTML 3Page - Infineon Technologies AG BAT62-03W Datasheet HTML 4Page - Infineon Technologies AG BAT62-03W Datasheet HTML 5Page - Infineon Technologies AG BAT62-03W Datasheet HTML 6Page - Infineon Technologies AG BAT62-03W Datasheet HTML 7Page - Infineon Technologies AG BAT62-03W Datasheet HTML 8Page - Infineon Technologies AG BAT62-03W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2014-02-13
4
BAT62...
Diode capacitance CT = ƒ (VR)
f
= 1MHz
0
0.0
EHD07062
BAT 62
C
V
R
T
10
20
30
V
40
0.2
0.4
0.6
0.8
pF
1.0
Reverse current IR = ƒ(VR)
TA = Parameter
0
5
10
15
20
25
30
V
40
VR
-1
10
0
10
1
10
2
10
3
10
uA
25°C
85°C
125°C
Forward current IF = ƒ (VF)
TA = Parameter
0
0.2
0.4
0.6
0.8
1
1.2 V
1.5
VF
1
10
2
10
3
10
4
10
uA
25°C
85°C
125°C
-40°C
Forward current IF = ƒ (TS)
BAT62
0
15
30
45
60
75
90 105 120 °C
150
TS
0
2
4
6
8
10
12
14
16
18
mA
22


유사한 부품 번호 - BAT62-03W

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
logo
Infineon Technologies A...
BAT62-03W INFINEON-BAT62-03W Datasheet
519Kb / 9P
   Silicon Schottky Diode
Apr-22-2004
logo
Guangdong Kexin Industr...
BAT62-03W KEXIN-BAT62-03W Datasheet
35Kb / 1P
   Silicon Schottky Doide
logo
Infineon Technologies A...
BAT62-03W INFINEON-BAT62-03W Datasheet
209Kb / 18P
   Silicon Schottky Diode
2007-04-19
BAT62-03W INFINEON-BAT62-03W Datasheet
1Mb / 19P
   Silicon Schottky Diode
2014-02-13
More results

유사한 설명 - BAT62-03W

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Siemens Semiconductor G...
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
   Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
BAT63-099R SIEMENS-BAT63-099R Datasheet
87Kb / 4P
   Silicon Schottky Diodes (Zero bias diode array for mixer and detectors up to GHz frequencies Crossover ring quad)
logo
Agilent(Hewlett-Packard...
423B HP-423B Datasheet
372Kb / 4P
   Low Barrier Schottky Diode Detectors
logo
STMicroelectronics
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
   RF Power LDMOS transistor for frequencies up to 1.5 GHz
March 2019 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com