전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4532CDY 데이터시트(PDF) 5 Page - Vishay Telefunken

부품명 SI4532CDY
상세설명  N- and P-Channel 30 V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4532CDY 데이터시트(HTML) 5 Page - Vishay Telefunken

  SI4532CDY Datasheet HTML 1Page - Vishay Telefunken SI4532CDY Datasheet HTML 2Page - Vishay Telefunken SI4532CDY Datasheet HTML 3Page - Vishay Telefunken SI4532CDY Datasheet HTML 4Page - Vishay Telefunken SI4532CDY Datasheet HTML 5Page - Vishay Telefunken SI4532CDY Datasheet HTML 6Page - Vishay Telefunken SI4532CDY Datasheet HTML 7Page - Vishay Telefunken SI4532CDY Datasheet HTML 8Page - Vishay Telefunken SI4532CDY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Document Number: 64805
S11-0652-Rev. B, 11-Apr-11
www.vishay.com
5
Vishay Siliconix
Si4532CDY
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
TJ = 25 °C
10
0.1
VSD - Source-to-Drain Voltage (V)
1
- 0.8
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.00
0.05
0.10
0.15
0.20
0.25
012
345
67
8
910
TJ =25 °C
TJ = 125 °C
VGS - Gate-to-Source Voltage (V)
0
10
20
30
40
50
0
1
1
1
0
0
.
00.01
Time (s)
0.1
Safe Operating Area, Junction-to-Ambient
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
100 µs
Limited byRDS(on)*
BVDSS Limited
1ms
10 ms
100 ms
1s
10 s
10 µs
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100 s, DC


유사한 부품 번호 - SI4532CDY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4532CDY VISHAY-SI4532CDY Datasheet
295Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 11-Apr-11
logo
SHENZHEN DOINGTER SEMIC...
SI4532CDY DOINGTER-SI4532CDY Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET useadvanced trench Technology
logo
Vishay Siliconix
SI4532CDY VISHAY-SI4532CDY Datasheet
227Kb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
09-Jul-2021
SI4532CDY-T1-GE3 VISHAY-SI4532CDY-T1-GE3 Datasheet
295Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 11-Apr-11
logo
VBsemi Electronics Co.,...
SI4532CDY-T1-GE3 VBSEMI-SI4532CDY-T1-GE3 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - SI4532CDY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com