전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4916DY 데이터시트(PDF) 3 Page - Vishay Telefunken

부품명 SI4916DY
상세설명  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4916DY 데이터시트(HTML) 3 Page - Vishay Telefunken

  SI4916DY Datasheet HTML 1Page - Vishay Telefunken SI4916DY Datasheet HTML 2Page - Vishay Telefunken SI4916DY Datasheet HTML 3Page - Vishay Telefunken SI4916DY Datasheet HTML 4Page - Vishay Telefunken SI4916DY Datasheet HTML 5Page - Vishay Telefunken SI4916DY Datasheet HTML 6Page - Vishay Telefunken SI4916DY Datasheet HTML 7Page - Vishay Telefunken SI4916DY Datasheet HTML 8Page - Vishay Telefunken SI4916DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 74331
S09-0540-Rev. B, 06-Apr-09
www.vishay.com
3
Vishay Siliconix
Si4916DY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
MOSFET SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
Channel-1
VDD = 15 V, RL = 15 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
Channel-2
VDD = 15 V, RL = 15 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
Ch-1
8
15
ns
Ch-2
9
15
Rise Time
tr
Ch-1
11
18
Ch-2
13
20
Turn-Off Delay Time
td(off)
Ch-1
21
32
Ch-2
27
40
Fall Time
tf
Ch-1
6
10
Ch-2
9
15
Source-Drain Reverse Recovery Time
trr
IF = 1.3 A, dI/dt = 100 A/µs
Ch-1
28
40
IF = 2.2 A, dI/dt = 100 µA/µs
Ch-2
24
35
Body Diode Reverse Recovery Charge
Qrr
IF = 1.3 A, dI/dt = 100 A/µs
Ch-1
17
nC
IF = 2.2 A, dI/dt = 100 µA/µs
Ch-2
12
Reverse Recovery Fall Time
ta
IF = 1.3 A, dI/dt = 100 A/µs
Ch-1
12
ns
IF = 2.2 A, dI/dt = 100 µA/µs
Ch-2
11
Reverse Recovery Rise Time
tb
IF = 1.3 A, dI/dt = 100 A/µs
Ch-1
16
IF = 2.2 A, dI/dt = 100 µA/µs
Ch-2
13
SCHOTTKY SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Forward Voltage Drop
VF
IF = 1.0 A
0.47
0.50
V
IF = 1.0 A, TJ = 125 °C
0.36
0.42
Maximum Reverse Leakage Current
Irm
VR = 30 V
0.004
0.100
mA
VR = 30 V, TJ = 100 °C
0.7
10
VR = - 30 V, TJ = 125 °C
3.0
20
Junction Capacitance
CT
VR = 10 V
50
pF


유사한 부품 번호 - SI4916DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4916DY VISHAY-SI4916DY Datasheet
261Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 06-Apr-09
SI4916DY VISHAY-SI4916DY Datasheet
196Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4916DY-T1-E3 VISHAY-SI4916DY-T1-E3 Datasheet
261Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 06-Apr-09
SI4916DY-T1-GE3 VISHAY-SI4916DY-T1-GE3 Datasheet
261Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 06-Apr-09
SI4916DY VISHAY-SI4916DY_V01 Datasheet
196Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

유사한 설명 - SI4916DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com